Electronic Components Datasheet Search
  English  ▼

X  

LM2772 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2772
Description  LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2772 Datasheet(HTML) 2 Page - Texas Instruments

  LM2772 Datasheet HTML 1Page - Texas Instruments LM2772 Datasheet HTML 2Page - Texas Instruments LM2772 Datasheet HTML 3Page - Texas Instruments LM2772 Datasheet HTML 4Page - Texas Instruments LM2772 Datasheet HTML 5Page - Texas Instruments LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
VIN
GND
VOUT
C3-
C3+
Top View
Bottom View
EN
C1+
C1-
C2+
C2-
EN
C1+
C1-
C2+
C2-
VIN
GND
VOUT
C3-
C3+
LM2772
SNVS486B – DECEMBER 2006 – REVISED MAY 2013
www.ti.com
Connection Diagram
10-Pin WSON Package (WSON-10)
See Package Number DSC0010A
PIN DESCRIPTIONS
Pin #
Name
Description
1
VIN
Input Voltage: Recommended VIN operating range 3.0V to 5.5V.
2
GND
Ground
3
VOUT
Output Voltage
4
C3-
Flying Capacitor 3: Negative Terminal
5
C3+
Flying Capacitor 3: Positive Terminal
6
C2-
Flying Capacitor 2: Negative Terminal
7
C2+
Flying Capacitor 2: Positive Terminal
8
C1-
Flying Capacitor 1: Negative Terminal
9
C1+
Flying Capacitor 1: Positive Terminal
10
EN
Enable Pin Logic Input. Applying a logic HIGH voltage signal enables the part. A logic LOW
voltage signal places the the device in shutdown.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com