Electronic Components Datasheet Search
  English  ▼

X  

LM2773 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2773
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2773 Datasheet(HTML) 2 Page - Texas Instruments

  LM2773 Datasheet HTML 1Page - Texas Instruments LM2773 Datasheet HTML 2Page - Texas Instruments LM2773 Datasheet HTML 3Page - Texas Instruments LM2773 Datasheet HTML 4Page - Texas Instruments LM2773 Datasheet HTML 5Page - Texas Instruments LM2773 Datasheet HTML 6Page - Texas Instruments LM2773 Datasheet HTML 7Page - Texas Instruments LM2773 Datasheet HTML 8Page - Texas Instruments LM2773 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Top View
Bottom View
A3
A1
A2
B3
B1
B2
C3
C1
C2
A3
A1
A2
B3
B1
B2
C3
C1
C2
LM2773
SNVS554A – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Connection Diagram
9-Bump DSBGA
See Package Number YZR0009
0.5mm Pitch 1.511mm x 1.511mm x 0.6mm
PIN DESCRIPTIONS
Pin #
Name
Description
A1
C2-
Flying Capacitor 2: Negative Terminal
A2
VOUT
Output Voltage
A3
C1+
Flying Capacitor 1: Positive Terminal
B1
GND
Ground
B2
EN
Device Enable. Logic HIGH: Enabled, Logic LOW: Shutdown.
B3
VIN
Input Voltage. Recommended VIN Operating Range = 2.5V to 5.5V.
C1
SEL
Voltage Mode Select. Logic HIGH: VOUT = 1.6V, Logic LOW: VOUT = 1.8V
C2
C1-
Flying Capacitor 1: Negative Terminal
C3
C2+
Flying Capacitor 2: Positive Terminal
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM2773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com