Electronic Components Datasheet Search
  English  ▼

X  

HM-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM-T
Description  HIGH SENSITIVITY, LOW POWER CONSUMPTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM-T Datasheet HTML 1Page - List of Unclassifed Manufacturers HM-T Datasheet HTML 2Page - List of Unclassifed Manufacturers HM-T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HM - T V 3 . 2
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
Update:3/16/2011
HM-T SERIES FSK TX MODULE
GENERAL
HM-T series FSK transmission module is specially designed by Hope Microelectronics Co. for replacing
those applications that used ASK technology module already. It used together with HM-R series FSK
receiver module. Due to the benefits from FSK technology, the module is robust to interference, and longer
working distance can be achieved.
FEATURES
1. HIGHLY INTEGRATED, SMALL SIZE
2. HIGH SENSITIVITY, LOW POWER CONSUMPTION
3. FSK TECHNOLOGY, SUITABLE FOR REPLACING ASK MODULES
4. LESS INTERFRENCE, LONGER WORKING DISTANCE
5. CAN BE USED TO REPLACE ASK MODULE W/O THE NEED OF SOFTWARE CHANGE
6. NO TUNING REQUIRED DURING PRODUCTION
MECHANICAL AND PIN DEFINITION
IF DATA pin is idle for more than 70mS, then the module will enter standby mode automatically.
APPLICATION
Pin to pin replace the old ASK module. Special design can be made for more sophisticated applications.
PARAMETER
1.DC Characteristic
min
typical
Max
unit
voltage
2.5
3
5
V
temperature
-35
80
℃
Data rate
600
4800
9600
bps
note:data rate can be defined by customer from 300bps~100kbps


Similar Part No. - HM-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
Low cost, high performance , high reliability
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
More results

Similar Description - HM-T

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3901 HAMAMATSU-C3901_10 Datasheet
209Kb / 6P
Current output, high UV sensitivity, excellent linearity, low power consumption
logo
fujitsu semiconductor
NY5W-K FUJITSU-NY5W-K Datasheet
319Kb / 7P
Ultra slim type with 5 mm thickness, Low power consumption and high sensitivity
logo
OptoSupply Internationa...
OS402612GD-XXXXZ3K1X OPTOSUPPLY-OS402612GD-XXXXZ3K1X Datasheet
51Kb / 3P
Low Power Consumption, High Intensity
OS423430GD-XXXXS1C1A OPTOSUPPLY-OS423430GD-XXXXS1C1A Datasheet
50Kb / 3P
Low Power Consumption, High Intensity
OSMW02C04GX-W543Z4E1P-X OPTOSUPPLY-OSMW02C04GX-W543Z4E1P-X Datasheet
49Kb / 3P
Low Power Consumption, High Intensity
OSMY61K37GH-XXXA5111A-A OPTOSUPPLY-OSMY61K37GH-XXXA5111A-A Datasheet
119Kb / 4P
Low Power Consumption, High Intensity
logo
List of Unclassifed Man...
HM-R ETC2-HM-R Datasheet
249Kb / 4P
High sensitivity, low power consumption
logo
Taoglas antenna solutio...
GRS.01.A.024KSSX1 TAOGLAS-GRS.01.A.024KSSX1 Datasheet
1Mb / 12P
Combines low power consumption and high sensitivity
logo
AnaSem Hong Kong Limite...
MRX1518H ANASEM-MRX1518H Datasheet
1Mb / 14P
Low power consumption, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-01
MRX1533L ANASEM-MRX1533L Datasheet
1Mb / 14P
Low power consumption, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com