Electronic Components Datasheet Search
  English  ▼

X  

TH01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TH01
Description  Temperature and Humidity Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TH01 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TH01
Temperature and Humidity Module
2012-7-2
Version: 1.4
4 Tel: +86‐755‐86096587
Fax: +86‐755‐86096602
E‐mail: sales@hoperf.com
http://www.hoperf.com
SCK pin is pull up with internal pull-up resistor.
SYN+CODE(data format)
RF
CODE
H/L(US)
0
488/488±20
1
488/1952±50
SYN
488/6958±50
TH01 with two mode
A or B mode Option
TH01 power on after 1 second start to detect the SCK PIN level
PIN level is high; it will work in B mode. SCK pin level must be set high after set mode, At least
3seonds the user can be read data, When in mode A it should be at least 2 seconds interval between
two reads. In mode B, each time SCK pin level changed, TX cycle will reset and TX after 60s.After
power up and set mode, A mode will directly enter sleep, B mode will enter low power consumption
mode after once TX.
A mode
Communication Step
1. Master output the falling edge signal keep this low level for 500ms to 5 seconds on SCK PIN.
2. Master output one dummy clock which high level pulse width will over 1ms.
3. Master output the clock in its fix rate to get each bit data.
4. When SCK at high, the SDA data is stable. The clock rate is from 5k to 100kbps.
5. Data is 4 bytes, 3 bytes data, and 1 byte CRC checksum.
6. Each byte is the MSB first out.
A mode Timing
Dummy high
Sleep
mode
>1ms
END
SCK
500ms<T<5S
get data
Set_SCK
//Before enter sleep mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com