Electronic Components Datasheet Search
  English  ▼

X  

TH02 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 23Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
20 -
3.2.2. I2C Read Operation
To read a register on the TH02, the master must first set the address pointer to indicate the register from which
the data is to be transferred. Therefore, the first communication with the TH02 is a write operation. The master
should issue a start command (S) followed by the slave address, 0x40. The slave address is followed by a 0 to
indicate that the operation is a write. Upon recognizing its slave address, the TH02 will issue an acknowledge (A)
by pulling the SDA line low for the high duration of the ninth SCL cycle. The next byte the master places on the bus
is the register address pointer selecting the register on the TH02 from which the data should be transferred. After
the TH02 acknowledges this byte, the master issues a repeated start command (Sr) indicating that a new transfer
is to take place. The TH02 is addressed once again with the R/W bit set to 1, indicating a read operation. The
TH02 will acknowledge its slave address and output data from the previously-selected register onto the data bus
under the control of the SCL signal, the master should not acknowledge (A) the data byte and issue a stop (P)
command (see Table 18). However, if a RH or Temperature conversion result (two bytes) is to be read, the master
should acknowledge (A) the first data byte and continue to activate the SCL signal. The TH02 will automatically
output the second data byte. Upon receiving the second byte, the master should issue a not Acknowledge (A)
followed by a stop command. (See Table 19).
Table 18. I2C Read Sequence for a Single Register
Sequence to Read from a Single Register
S
Slave Address
W
A
Address Pointer
A
Sr
Slave Address
R
A
Register Data
A
P
Sequence to Read Device ID
S
0x40
0
A
0x11
A
Sr
0x40
1
A
ID
A
P
Sequence to Read RDY bit
S
0x40
0
A
0x00
A
Sr
0x40
1
A
—
RDY
A
P
Table 19. I2C Read Sequence for RH or Temperature Conversion Result
Sequence to Read Conversion Result
S
Slave
Address
W
A
Address
Pointer
A
Sr
Slave
Address
R
A
Register 1
Data
A
Register 2
Data
A
P
S
0x40
0
A
0x01
A
Sr
0x40
1
A
Data H
A
Data L
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com