Electronic Components Datasheet Search
  English  ▼

X  

TH06 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # TH06
Description  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button TH06 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
16
5. I2C Interface
The TH06 communicates with the host controller over a digital I2C interface. The 7-bit base slave address is
0x40.
Table 9. I2C Slave Address Byte
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
0
0
Master I2C devices communicate with the TH06 using a command structure. The commands are listed in the I2C
command table10. Commands other than those documented below are undefined and should not be sent to the
device.
Table 10. I2C Command Table
Command Description
Command Code
Measure Relative Humidity, Hold Master Mode
0xE5
Measure Relative Humidity, No Hold Master Mode
0xF5
Measure Temperature, Hold Master Mode
0xE3
Measure Temperature, No Hold Master Mode
0xF3
Read Temperature Value from Previous RH Measurement
0xE0
Reset
0xFE
Write RH/T User Register 1
0xE6
Read RH/T User Register 1
0xE7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com