Electronic Components Datasheet Search
  English  ▼

X  

LM3242 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3242
Description  LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3242 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3242 Datasheet HTML 9Page - Texas Instruments LM3242 Datasheet HTML 10Page - Texas Instruments LM3242 Datasheet HTML 11Page - Texas Instruments LM3242 Datasheet HTML 12Page - Texas Instruments LM3242 Datasheet HTML 13Page - Texas Instruments LM3242 Datasheet HTML 14Page - Texas Instruments LM3242 Datasheet HTML 15Page - Texas Instruments LM3242 Datasheet HTML 16Page - Texas Instruments LM3242 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LM3242
www.ti.com
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
Feature Description (continued)
7.3.2 Internal Synchronous Rectification
While in PWM mode, the LM3242 uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
With medium and heavy loads, the NFET synchronous rectifier is turned on during the inductor current down
slope in the second part of each cycle. The synchronous rectifier is turned off prior to the next cycle. The NFET
is designed to conduct through its intrinsic body diode during transient intervals before it turns on, eliminating the
need for an external diode.
7.3.3 Current Limiting
The current limit feature allows the LM3242 to protect itself and external components during overload conditions.
In PWM mode, the cycle-by-cycle current limit is a 1450 mA (typical). If an excessive load pulls the output
voltage down to less than 0.3V (typical), the NFET synchronous rectifier is disabled and the current limit is
reduced to 530 mA (typical). Moreover, when the output voltage becomes less than 0.15V (typical), the switching
frequency decreases to 3 MHz, thereby preventing excess current and thermal stress.
7.3.4 Dynamically Adjustable Output Voltage
The LM3242 features dynamically adjustable output voltage to eliminate the need for external feedback resistors.
The output can be set from 0.4 V to 3.6 V by changing the voltage on the analog VCON pin. This feature is
useful in PA applications where peak power is needed only when the handset is far away from the base station
or when data is being transmitted. In other instances the transmitting power can be reduced. Hence the supply
voltage to the PA can be reduced, promoting longer battery life. See Setting The Output Voltage in Application
and Implementation for further details. The LM3242 moves into pulse-skipping mode when duty cycle is over
approximately 92% or less than approximately 15% and the output voltage ripple increases slightly.
7.3.5 Thermal Overload Protection
The LM3242 has a thermal overload protection function that operates to protect itself from short-term misuse and
overload conditions. When the junction temperature exceeds around 150°C, the device inhibits operation. Both
the PFET and the NFET are turned off. When the temperature drops below 125°C, normal operation resumes.
Prolonged operation in thermal overload conditions may damage the device and is considered bad practice.
7.3.6 Soft Start
The LM3242 has a soft-start circuit that limits in-rush current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated if EN goes from low to high after VIN reaches 2.7V.
7.4 Device Functional Modes
Table 1. Description Of Modes
MODE
EN
BPEN
VCON
IOUT
Shutdown
0
X
X
X
Sleep
1
0
< 80 mV
X
Pulse Width Modulation (PWM)
1
0
> 100 mA
> 130 mV, < (VIN − 0.2 V)/2.5
Economy (ECO)
1
0
< 50 mA
Bypass (BP)
1
0
> (VIN − 0.2 V)/2.5
X
1
1
X
X
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com