Electronic Components Datasheet Search
  English  ▼

X  

LM5000 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5000 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5000 Datasheet HTML 11Page - Texas Instruments LM5000 Datasheet HTML 12Page - Texas Instruments LM5000 Datasheet HTML 13Page - Texas Instruments LM5000 Datasheet HTML 14Page - Texas Instruments LM5000 Datasheet HTML 15Page - Texas Instruments LM5000 Datasheet HTML 16Page - Texas Instruments LM5000 Datasheet HTML 17Page - Texas Instruments LM5000 Datasheet HTML 18Page - Texas Instruments LM5000 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
In certain circuits, there exists a voltage spike, VLL, superimposed on top of the steady-state voltage . Usually,
this voltage spike is caused by the transformer leakage inductance and/or the output rectifier recovery time. To
“clamp” the voltage at the switch from exceeding its maximum value, a transient suppressor in series with a
diode is inserted across the transformer primary.
If poor circuit layout techniques are used, negative voltage transients may appear on the Switch pin. Applying a
negative voltage (with respect to the IC's ground) to any monolithic IC pin causes erratic and unpredictable
operation of that IC. This holds true for the LM5000 IC as well. When used in a flyback regulator, the voltage at
the Switch pin can go negative when the switch turns on. The “ringing” voltage at the switch pin is caused by the
output diode capacitance and the transformer leakage inductance forming a resonant circuit at the
secondary(ies). The resonant circuit generates the “ringing” voltage, which gets reflected back through the
transformer to the switch pin. There are two common methods to avoid this problem. One is to add an RC
snubber around the output rectifier(s). The values of the resistor and the capacitor must be chosen so that the
voltage at the Switch pin does not drop below
−0.4V. The resistor may range in value between 10Ω and 1 kΩ,
and the capacitor will vary from 0.001
μF to 0.1 μF. Adding a snubber will (slightly) reduce the efficiency of the
overall circuit.
The other method to reduce or eliminate the “ringing” is to insert a Schottky diode clamp between the SW pin
and the PGND pin. The reverse voltage rating of the diode must be greater than the switch off voltage.
OUTPUT VOLTAGE LIMITATIONS
The maximum output voltage of a boost regulator is the maximum switch voltage minus a diode drop. In a
flyback regulator, the maximum output voltage is determined by the turns ratio, N, and the duty cycle, D, by the
equation:
VOUT ≈ N × VIN × D/(1 − D)
(21)
The duty cycle of a flyback regulator is determined by the following equation:
(22)
Theoretically, the maximum output voltage can be as large as desired—just keep increasing the turns ratio of the
transformer. However, there exists some physical limitations that prevent the turns ratio, and thus the output
voltage, from increasing to infinity. The physical limitations are capacitances and inductances in the LM5000
switch, the output diode(s), and the transformer—such as reverse recovery time of the output diode (mentioned
above).
INPUT LINE CONDITIONING
A small, low-pass RC filter should be used at the input pin of the LM5000 if the input voltage has an unusually
large amount of transient noise. Additionally, the RC filter can reduce the dissipation within the device when the
input voltage is high.
Flyback Regulator Operation
The LM5000 is ideally suited for use in the flyback regulator topology. The flyback regulator can produce a single
output voltage, or multiple output voltages.
The operation of a flyback regulator is as follows: When the switch is on, current flows through the primary
winding of the transformer, T1, storing energy in the magnetic field of the transformer. Note that the primary and
secondary windings are out of phase, so no current flows through the secondary when current flows through the
primary. When the switch turns off, the magnetic field collapses, reversing the voltage polarity of the primary and
secondary windings. Now rectifier D5 is forward biased and current flows through it, releasing the energy stored
in the transformer. This produces voltage at the output.
The output voltage is controlled by modulating the peak switch current. This is done by feeding back a portion of
the output voltage to the error amp, which amplifies the difference between the feedback voltage and a 1.259V
reference. The error amp output voltage is compared to a ramp voltage proportional to the switch current (i.e.,
inductor current during the switch on time). The comparator terminates the switch on time when the two voltages
are equal, thereby controlling the peak switch current to maintain a constant output voltage.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com