Electronic Components Datasheet Search
  English  ▼

X  

HF115F Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF115F
Description  MINIATURE HIGH POWER RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F Datasheet(HTML) 3 Page - Hongfa Technology

  HF115F Datasheet HTML 1Page - Hongfa Technology HF115F Datasheet HTML 2Page - Hongfa Technology HF115F Datasheet HTML 3Page - Hongfa Technology HF115F Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8<7
:5<ii Rejjejc /KI88<I6 fff 4ff4f48 4ff 0
<ii Rejjejc /KI88<I6 fff 4ff4f496:6; 4ff 0
/Ekppki reas0
:5<6<ii Rejjejc38 Rkha389D3KI88<I6 fff 48f4f48694ff
<ii Rejjejc38 Rkha38=D3KI88<I6 fff 48f4f4:4ff
<ii Rejjejc39 Rkha3?D3KI88<I6 fff 49f4f4;4ff
8 Ikni D
8 Ikni E
8 Ikni F
8 Ikni E
8 Ikni F
9 Ikni E
9 Ikni F
8 Ikni D
9 Ikni D
Qqpheja Geiajoekjo
Yenejc Ge]cn]i
895> 75:
9@ 75:
=475<t75?
75<t75<
895> 75:
9@ 75:
:475<t75?
75<t75<
J_VTYR[ T^UV;0
GLKDCF? >CE?FJCGFJ3 NCICFA >C;AI;E ;F> H= <G;I> D;PGLK
WjepA ii
OOO: Fqopkian ola_e]h namqenaiajp
FY[: Up]j`]n`
5B: 8 Ikni D 5>: 8 Ikni E 5Q: 8 Ikni F
6B: 9 Ikni D 6>: 9 Ikni E 6Q: 9 Ikni F
5: :5<ii 8 lkha 89D
6: <57ii 8 lkha 89D
7: <57ii 8 lkha 8=D
8: <57ii 9 lkha ?D
=^]bRTb \RbV`YR[
8090
:0
=^]bRTb R``R]XV\V]b
=^Y[ d^[bRXV
<3=3@38938?39;3;?3=73887XGF
KI88<I 6 789
8 D
48K U
MV`aY^]
;: DcUjQ9
<: DcPe
FY[: DcF`Q
A: DcF`Q2 Dq lh]pa`
;A: DcUjQ92 Dq lh]pa`
<A: DcPe2 Dq lh]pa`
I
C]ac[RbY^] abR]UR`U @: Fh]oo I FY[: Fh]oo E
GI>?ICFA CF@GIE;KCGF
Ke_V
=^]ab`cTbY^]
J: Rh]ope_ oa]ha`
FY[: Ihqt lnkkba`
/ZZZ0
F^bVa: 80 Ya na_kiiaj` bhqt lnkkba` pulao bkn ] _ha]j ajrenkjiajp /bnaa bnki _kjp]iej]pekjo hega K9U3UQ93PQ93`qop3ap_505
Ya oqccaop pk _dkkoa lh]ope_ oa]ha` pulao ]j` r]he`]pa ep ej na]h ]llhe_]pekj bkn ]j qj_ha]j ajrenkjiajp /sepd _kjp]iej]pekjo
hega K9U3UQ93PQ93`qop3ap_05
90 Fkjp]_p eo na_kiiaj` bkn oqep]^ha _kj`epekj ]j` ola_ebe_]pekjo eb s]pan _ha]jejc kn oqnb]_a lnk_aoo eo ejrkhra` ej ]ooai^hejc nah]uo kj
RFE
:0 Ikn ckh` lh]pa` pula3pda iej5 osep_dejc _qnnajp ]j` iej5 osep_dejc rkhp]ca eo 87iD <XGF5
;0 Vda _qopkian ola_e]h namqenaiajp atlnaoo ]o ola_e]h _k`a ]bpan ar]hq]pejc ^u Kkjcb]5 a5c5 /::<0 op]j`o bkn lnk`q_p ej ]__kn`]j_a pk
LHF =7::<48 /JYV0B a5c5 /9<:0 op]j`o bkn Tabhks okh`anejc ranoekj3bkn 8 lkha pula5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com