Electronic Components Datasheet Search
  English  ▼

X  

LM5018 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5018
Description  100-V, 300-mA Constant On-Time Synchronous Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5018 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5018 Datasheet HTML 17Page - Texas Instruments LM5018 Datasheet HTML 18Page - Texas Instruments LM5018 Datasheet HTML 19Page - Texas Instruments LM5018 Datasheet HTML 20Page - Texas Instruments LM5018 Datasheet HTML 21Page - Texas Instruments LM5018 Datasheet HTML 22Page - Texas Instruments LM5018 Datasheet HTML 23Page - Texas Instruments LM5018 Datasheet HTML 24Page - Texas Instruments LM5018 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
COUT2
VOUT2 =
IOUT2 x TON (MAX)
IL2
IOUT2
TON(MAX) x IOUT2
IL2
IOUT2
TON(MAX) x IOUT2
IL1
TON(MAX) x IOUT2 x N2/N1
OUT2
ON(MAX)
OUT1
OUT1
N2
I
T
N1
V
0.16 V
C
§
·
u
u
¨
¸
©
¹
'
|
LM5018
www.ti.com
SNVS787G – JANUARY 2012 – REVISED OCTOBER 2015
Figure 18 shows the primary winding current waveform (IL1) of a Fly-Buck converter. The reflected secondary
winding current adds to the primary winding current during the buck switch off-time. Because of this increased
current, the output voltage ripple is not the same as in conventional buck converter. The output capacitor value
calculated in Equation 27 should be used as the starting point. Optimization of output capacitance over the entire
line and load range must be done experimentally. If the majority of the load current is drawn from the secondary
isolated output, a better approximation of the primary output voltage ripple is given by Equation 28.
(28)
Figure 18. Current Waveforms for COUT1 Ripple Calculation
A standard 1-µF, 25 V capacitor is selected for this design. If lower output voltage ripple is required, a higher
value should be selected for COUT1 and/or COUT2.
8.2.2.2.7
Secondary Output Capacitor
A simplified waveform for secondary output current (IOUT2) is shown in Figure 19.
Figure 19. Secondary Current Waveforms for COUT2 Ripple Calculation
The secondary output current (IOUT2) is sourced by COUT2 during on-time of the buck switch, TON. Ignoring the
current transition times in the secondary winding, the secondary output capacitor ripple voltage can be calculated
using Equation 29.
(29)
For a 1:1 transformer turns ratio, the primary and secondary voltage ripple equations are identical. Therefore,
COUT2 is chosen to be equal to COUT1 (1 µF) to achieve comparable ripple voltages on primary and secondary
outputs.
If lower output voltage ripple is required, a higher value should be selected for COUT1 and/or COUT2.
8.2.2.2.8
Type III Feedback Ripple Circuit
Type III ripple circuit as described in Ripple Configuration is required for the Fly-Buck topology. Type I and Type
II ripple circuits use series resistance and the triangular inductor ripple current to generate ripple at VOUT and the
FB pin. The primary ripple current of a Fly-Buck is the combination or primary and reflected secondary currents
as illustrated in Figure 18. In the Fly-Buck topology, Type I and Type II ripple circuits suffer from large jitter as the
reflected load current affects the feedback ripple.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com