Electronic Components Datasheet Search
  English  ▼

X  

TLE8110EE Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Overvoltage, Overtemperature, ESD -Protection
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8110EE Datasheet HTML 17Page - Infineon Technologies AG TLE8110EE Datasheet HTML 18Page - Infineon Technologies AG TLE8110EE Datasheet HTML 19Page - Infineon Technologies AG TLE8110EE Datasheet HTML 20Page - Infineon Technologies AG TLE8110EE Datasheet HTML 21Page - Infineon Technologies AG TLE8110EE Datasheet HTML 22Page - Infineon Technologies AG TLE8110EE Datasheet HTML 23Page - Infineon Technologies AG TLE8110EE Datasheet HTML 24Page - Infineon Technologies AG TLE8110EE Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
TLE 8110 EE
Smart Multichannel Switch
Power Outputs
Data Sheet
21
Rev. 1.4, 2013-07-02
Figure 11
Deviation of calculation from measurement
7.3
Electrical Characteristics Power Outputs
Electrical Characteristics: Power Outputs
3.0V <
V
CC < 5.5V; 4.5V < VDD < 5.5V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current
flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Channel Resistance
7.3.1
On State Resistance
Channel Group 1-4
R
DSon
-0.3
-
Ohm
I
Dnom=1,5A;
Tj=25°C1)
-
0.45
0.6
Ohm
I
Dnom=1,5A;
Tj=150°C
7.3.2
On State Resistance
Channel Group 5-6
R
DSon
-
0.25
-
Ohm
I
Dnom=1.7A;
Tj=25°C1)
-
0.35
0.5
Ohm
I
Dnom=1.7A;
Tj=150°C
7.3.3
On State Resistance
Channel Group 7-10
R
DSon
-0.6
-
Ohm
I
Dnom=0.75A;
Tj=25°C1)
-
0.85
1.2
Ohm
I
Dnom=0.75A;
Tj=150°C
Deviation from measured values
ON
OFF
Ctrl
vD, iL
t
t
vD · iL
ECLm
ECL
measured
calculated
L-Saturation
Effect
R-Temp.
Effect
tF
VCL
VBAT
VON
IL
ILm
tFm
0
ON
OFF
Ctrl
vD, iL
t
t
vD · iL
ECLm
ECL
measured
calculated
µ-increase
Effect
R-Temp.
Effect
tF
VCL
VBAT
VON
IL
ILm
tFm
0
Increasing Inductance with IL
(Relays and some Valve types)
Decreasing Inductance with IL
(Injectors, Valves)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com