Electronic Components Datasheet Search
  English  ▼

X  

LM5160 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5160
Description  LM5160A, LM5160 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5160 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5160 Datasheet HTML 9Page - Texas Instruments LM5160 Datasheet HTML 10Page - Texas Instruments LM5160 Datasheet HTML 11Page - Texas Instruments LM5160 Datasheet HTML 12Page - Texas Instruments LM5160 Datasheet HTML 13Page - Texas Instruments LM5160 Datasheet HTML 14Page - Texas Instruments LM5160 Datasheet HTML 15Page - Texas Instruments LM5160 Datasheet HTML 16Page - Texas Instruments LM5160 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
IN
OFF(CL)
FB
5V
T
s
24V
12
P

OUT
ON
10
SW
V
R
F
1 10
:
u u
10
ON
ON
IN
R
1 10
T
s
V
K K

LM5160A, LM5160
www.ti.com
SNVSA03B – OCTOBER 2014 – REVISED JULY 2015
Feature Description (continued)
7.3.3 Regulation Comparator
The feedback voltage at the FB pin is compared to the SS pin voltage VSS. In normal operation when the output
voltage is in regulation, an on-time period is initiated when the voltage at FB pin falls below VSS. The high side
buck switch will stay on for the on-time one-shot period causing the FB voltage to rise. After the on-time period
expires, the high side switch will remain off until the FB voltage falls below VSS. During the startup, the FB
voltage will be below VSS at the end of each on-time period and the high side switch turns on again after the
minimum forced off-time of 170 ns (typ). When the output is shorted to ground (FB = 0 V), the high side peak
current limit is triggered, the high side FET is turned off, and remains off for a period determined by the current
limit off-timer. See the Current Limit section for additional information.
7.3.4 Soft-Start
The soft-start feature of the LM5160 allows the converter to gradually reach a steady state operating point,
thereby reducing start-up stresses and current surges. When the EN/UVLO pin is above the EN/UVLO standby
threshold VUVLO(TH) = 1.24 V (typ) and the VCC exceeds the VCC under-voltage VCC(UV) = 3.98 V (typ) threshold,
an internal 10 µA current source charges the external capacitor at the SS pin (CSS) from 0 V to 2 V. The voltage
at the SS pin is the non-inverting input of the internal FB comparator. The soft-start interval ends when the SS
capacitor is charged to the 2V reference level. The ramping voltage at the SS pin produces a controlled,
monotonic output voltage start-up. A minimum 1 nF soft-start capacitor should be used in all applications.
7.3.5 Error Transconductance (GM) Amplifier
The LM5160 provides a trans-conductance (GM) error amplifier that minimizes the difference between the
reference voltage (VREF) and the average feedback (FB) voltage. This amplifier reduces the load and line
regulation errors that are common in constant-on-time regulators. The soft-start capacitor (CSS) provides
compensation for this error correction loop. The soft-start capacitor should be greater than 1 nF to ensure
stability.
7.3.6 On-Time Generator
The on-time of the LM5160 high side FET is determined by the RON resistor and is inversely proportional to the
input voltage (VIN). The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. The
on-time can be calculated from Equation 3 with RON expressed in ohms.
(3)
To set a specific continuous conduction mode switching frequency (FSW expressed in Hz), the RON resistor is
determined from the following:
(4)
RON should be selected for a minimum on-time (at maximum VIN) greater than 150 ns for proper operation. This
minimum on-time requirement will limit the maximum switching frequency of applications with relatively high VIN
and low VOUT.
7.3.7 Current Limit
The LM5160 provides an intelligent current limit off-timer that adjusts the off-time to reduce the foldback in the
current limit. If the peak value of the current in the buck switch exceeds 2.5 A (typ) the present on-time period is
immediately terminated, and a non-resettable off-timer is initiated. The length of the off-time is controlled by the
FB voltage and the input voltage VIN. As an example, when VFB = 0 V and VIN = 24 V, the off-time is set to 10 μs.
This condition would occur if the output is shorted or during the initial phase of start-up. In cases of output
overload where the FB voltage is greater than zero volts (a soft short), the current limit off-time is reduced.
Reducing the off-time during less severe overloads reduces the current limit foldback, overload recovery time,
and start-up time. The current limit off-time, TOFF(CL) is calculated from Equation 5:
(5)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5160A LM5160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com