Electronic Components Datasheet Search
  English  ▼

X  

PE3TC0202 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3TC0202
Description  PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 27 GHz ,RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0202 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3TC0202 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0202 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0202 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0202 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0202 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female
• Cable Type: PE-TC195
Features
•
Phase and Amplitude stability with flexure
•
Small Diameter Lighter weight lower profile for high den-
sity test applications
•
Phase change with flexure +/-3° to 27 GHz
•
Excellent for multi-port test equipment
•
Very flexible and durable cable with a min bend radius of
1 inch
•
Excellent VSWR and Insertion Loss
•
Extra strain relief for extended connector body with boot-
ing enhance stability and longevity
•
Each Serialized assembly come with matching Test data
• 5,000 mating cycles when properly matted
•
IN STOCK and ready to ship
Applications
•
Automated RF Test Stations
•
General Purpose Lab Testing
•
High Connection Density Lab and
Production testing
.
Description
Pasternack’s high performance PE-TC195 series Test Cables are designed to allow customers to perform repeatable accurate
measurements. Because these cables are phase stable under flexure, +/- 3° at 27 GHz, they are an excellent option for testing
where movement will occur during testing. The PE-TC195 test cables have low Insertion Loss and low VSWR in addition to
having excellent phase stability properties. The rugged design provides for up to 5,000 mattings cycles with proper care. The
smaller diameter coax allows for high flexibility, lower profile and a lighter weight test cable. The PE-TC195 series test cables
are an excellent choice for use in precision high density test environments
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
27
GHz
VSWR
1.25:1
Velocity of Propagation
70
%
RF Shielding
100
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Phase Stability with Flexure
±3
Degrees
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 27 GHz ,RoHS
PE3TC0202
PE3TC0202 REV 1.0
PE-TC195 Series Phase Stable Test Cable SMA
Male to SMA Female to 27 GHz ,RoHS
RF Cable Assemblies Technical Data Sheet
PE3TC0202


Similar Part No. - PE3TC0202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0202-24 PASTERNACK-PE3TC0202-24 Datasheet
662Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3TC0202-48 PASTERNACK-PE3TC0202-48 Datasheet
662Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3TC0202-72 PASTERNACK-PE3TC0202-72 Datasheet
662Kb / 5P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC0202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0103 PASTERNACK-PE3TC0103 Datasheet
664Kb / 5P
PE-TC195 Series Phase Stable Test Cable N Male to N Male to 18 GHz ,RoHS
PE3TC0104 PASTERNACK-PE3TC0104 Datasheet
684Kb / 5P
PE-TC195 Series Phase Stable Test Cable N Male to N Female to 18 GHz ,RoHS
PE3TC0301 PASTERNACK-PE3TC0301 Datasheet
682Kb / 5P
PE-TC151 Series Phase Stable Test Cable SMA Male to SMA Male to 18 GHz ,RoHS
PE370 PASTERNACK-PE370 Datasheet
461Kb / 4P
SMA Male to SMA Male Test Cable Using PE-P102 Coax, RoHS
PE3TC0101 PASTERNACK-PE3TC0101 Datasheet
641Kb / 5P
PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Male to 18 GHz ,RoHS
PE3TC0102 PASTERNACK-PE3TC0102 Datasheet
675Kb / 5P
PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 18 GHz ,RoHS
PE3TC0105 PASTERNACK-PE3TC0105 Datasheet
660Kb / 5P
PE-TC195 Series Phase Stable Test Cable SMA Male to N Male to 18 GHz ,RoHS
PE3TC0201 PASTERNACK-PE3TC0201 Datasheet
660Kb / 5P
PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Male to 27 GHz ,RoHS
PE3TC0401 PASTERNACK-PE3TC0401 Datasheet
644Kb / 5P
PE-TC151 Series Phase Stable Test Cable SMA Male to SMA Male to 27 GHz ,RoHS
PE3TC0303 PASTERNACK-PE3TC0303 Datasheet
669Kb / 5P
PE-TC151 Series Phase Stable Test Cable SMA Male to N Male to 18 GHz ,RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com