Electronic Components Datasheet Search
  English  ▼

X  

HF41F Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF41F
Description  SUBMINIATURE POWER RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF41F Datasheet(HTML) 2 Page - Hongfa Technology

  HF41F Datasheet HTML 1Page - Hongfa Technology HF41F Datasheet HTML 2Page - Hongfa Technology HF41F Datasheet HTML 3Page - Hongfa Technology HF41F Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
=BA:9<5 49;5<@9=<@+ D9?9<7 4917?1; 1<4 >3 2=1?4 :1F=BA
fl
dbi
dbi
e
e
i
i
kg
ibdh
gbkl
dbm
ejbgl
fl
dbi
dbi
e
e
ibdh
gbkl
dbm
ejbgl
e
ibdh
fl
dbi
dbi
e
e
ibdh
gbkl
dbm
ejbgl
fl
dbi
dbi
e
e
ibdh
gbkl
dbm
ejbgl
e
ibdh
@0 ~?4FG<6 F84?87
<MN0 u?HK CEBB987
3QPUHIU RNHUMPL
70 vB?7 C?4G87
<MN0 |B :B?7 C?4G87
f_g_
3QPUHIU OHUKSMHN
A0 p:,A}f
<MN0 p:|<
e_
h_
}HG?<A8 s<@8AF<BAF
.A<Gn @@
euBE@ p
euBE@ r
3QMN WQNUHLK
i` j` m` ef` el` fh` hl` jd/sr
wuheu c
ef
aw
,
=?45?9<7 9<6=?;1A9=<
AXRK
3QPTUSVIUMQP
3QPUHIU HSSHPLKOKPU
80euBE@ p
G0euBE@ r
v ^111_
l
/0 u?4G C46> I8EF<BA
<MN0 /8EG<64? I8EF<BA
CKSTMQP
-
/8EG<64? I8EF<BA
u?4G C46> I8EF<BA
i
i
<QUKT0 e_ 08 E86B@@8A7 9?HK CEBB987 GLC8F 9BE G;8 9?4G C46> I8EF<BAb
f_ 08 E86B@@8A7 9?HK CEBB987 GLC8F 9BE 4 6?84A 8AI<EBA@8AG ^9E88 9EB@ 6BAG4@<A4G<BAF ?<>8 wf,` ,}f`|}f` 7HFG` 8G6b_b
08 FH::8FG GB 6;BBF8 C?4FG<6 F84?87 GLC8F 4A7 I4?<74G8 <G <A E84? 4CC?<64G<BA 9BE 4A HA6?84A 8AI<EBA@8AG ^J<G; 6BAG4@<A4G<BAF
?<>8 wf,` ,}f`|}f` 7HFG` 8G6b_b
g_ rBAG46G <F E86B@@8A787 9BE FH<G45?8 6BA7<G<BA 4A7 FC86<9<64G<BAF <9 J4G8E 6?84A<A: BE FHE9468 CEB68FF <F <AIB?I87 <A
4FF8@5?<A: E8?4LF BA ~rqb
@RKIMHN IQJKi_
EEE0 rHFGB@8E FC86<4? E8DH<E8@8AG
<MN0 ,G4A74E7
i_ -;8 6HFGB@8E FC86<4? E8DH<E8@8AG 8KCE8FF 4F FC86<4? 6B78 49G8E 8I4?H4G<A: 5L wBA:94b 8b:b^fed_ FG4A7F 9BE C<6>aHC IB?G4:8 ?8FF G;4A
kd\ B9 ABE@<A4? IB?G4:8b 8b:b^heh_ FG4A7F 9BE J<78 6B<? C<A GLC8b
h_ uBE :B?7 C?4G87 GLC8` G;8 @<Ab FJ<G6;<A: 6HEE8AG 4A7 @<Ab FJ<G6;<A: IB?G4:8 <F ed@pi/srb



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com