Electronic Components Datasheet Search
  English  ▼

X  

PE2059 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2059
Description  90 Degree SMA Hybrid From 4 GHz to 12.4 GHz Rated To 100 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2059 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2059 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2059 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2059 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
90 Degree SMA Hybrid From 4 GHz to 12.4 GHz Rated To 100 Watts
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Connector 3
SMA Female
Connector 4
SMA Female
Design
90 Degrees Hybrid
Electrical Specifications
Frequency Range, GHz
4 to 12.4
Phase Difference, Degrees
90
Impedance, Ohms
50
Isolation, dB
15
Maximum Insertion Loss, dB
3.5
Maximum Input Power, Watts
100
Maximum Input VSWR
1.5:1
Phase Balance, Degrees
8
Peak Power, KWatts
2
Flatness, dB
1.6
Coupling Value, dB
3
Coupled Loss, dB
0.5
Frequency Sensitivity, dB
0.4
Mechanical Specifications
Size
Length, in [mm]
1.72 [43.69]
Width, in [mm]
1.35 [34.29]
Height, in [mm]
0.5 [12.7]
.
Connector 1
Type
SMA Female
Connector 2
Type
SMA Female
Connector 3
Type
SMA Female
Connector 4
Type
SMA Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree SMA Hybrid From 4 GHz to 12.4 GHz Rated To 100 Watts PE2059
PE2059
PE2059 REV
90 Degree SMA Hybrid From 4 GHz to
12.4 GHz Rated To 100 Watts


Similar Part No. - PE2059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2050 PASTERNACK-PE2050 Datasheet
213Kb / 3P
90 Degree SMA Hybrid From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2051 PASTERNACK-PE2051 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 1 GHz to 2 GHz Rated To 50 Watts
PE2052 PASTERNACK-PE2052 Datasheet
292Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts
PE2053 PASTERNACK-PE2053 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2.6 GHz
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
More results

Similar Description - PE2059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2058 PASTERNACK-PE2058 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 8 GHz Rated To 30 Watts
PE2051 PASTERNACK-PE2051 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 1 GHz to 2 GHz Rated To 50 Watts
PE2052 PASTERNACK-PE2052 Datasheet
292Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
PE2055 PASTERNACK-PE2055 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 6 GHz to 12.4 GHz Rated To 100 Watts
PE2056 PASTERNACK-PE2056 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 7.5 GHz to 16 GHz Rated To 40 Watts
PE2057 PASTERNACK-PE2057 Datasheet
184Kb / 3P
90 Degree SMA Hybrid From 12 GHz to 18 GHz Rated To 40 Watts
PE2CP1022 PASTERNACK-PE2CP1022 Datasheet
571Kb / 6P
90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
PE2CP1055 PASTERNACK-PE2CP1055 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 2 GHz to 4 GHz Rated to 100 Watts
PE2CP1056 PASTERNACK-PE2CP1056 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 2 GHz to 6 GHz Rated to 100 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com