Electronic Components Datasheet Search
  English  ▼

X  

PE6192 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6192
Description  2.4mm Male Shorting Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6192 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6192 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6192 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
2.4mm Male Shorting
Mechanical Specifications
Size
Length, in [mm]
0.59 [14.99]
Width, in [mm]
0.312 [8]
.
Connector
Type
2.4mm Male Shorting
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, Inch
5/16
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Not Intended for Calibration
2.4mm Male Shorting Dust Cap from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male Shorting Dust Cap PE6192
URL: http://www.pasternack.com/shorting-2.4mm-male-dust-cap-pe6192-p.aspx
PE6192
PE6192 REV 1.0
2.4mm Male Shorting Dust Cap


Similar Part No. - PE6192

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6192 PASTERNACK-PE6192 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
PE6192 PASTERNACK-PE6192_16 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
More results

Similar Description - PE6192

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6006 PASTERNACK-PE6006 Datasheet
237Kb / 2P
Shorting SMA Male Dust Cap
PE6012 PASTERNACK-PE6012 Datasheet
459Kb / 2P
Shorting BNC Male Dust Cap
PE6015 PASTERNACK-PE6015 Datasheet
77Kb / 1P
Shorting N Male Dust Cap
PE6022 PASTERNACK-PE6022 Datasheet
234Kb / 2P
Shorting N Male Dust Cap
PE6193 PASTERNACK-PE6193 Datasheet
197Kb / 2P
2.4mm Female Shorting Dust Cap
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6133 PASTERNACK-PE6133_16 Datasheet
414Kb / 3P
TNC Male Shorting Dust Cap
PE6192 PASTERNACK-PE6192_16 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com