Electronic Components Datasheet Search
  English  ▼

X  

HF36FD Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF36FD
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF36FD Datasheet(HTML) 2 Page - Hongfa Technology

  HF36FD Datasheet HTML 1Page - Hongfa Technology HF36FD Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S^glbmbo^276B
=6
>6
?6
6
76
86
96
:6
;6
<6
SmZg]Zk]276B
766
776
786
FNEURBNDF DURVF
DOJL TFMPFRBTURF RJSF
DhgmZ\m Dnkk^gm /B0
P^k\^gmZ`^ O_ NhfbgZe Dhbe VhemZ`^
Ebl\eZbf^k
Ta^ li^\b_b\Zmbhg bl _hk k^_^k^g\^ hger4 S^^ mh ,T^kfbgheh`r Zg] Hnb]^ebg^l, _hk fhk^ bg_hkfZmbhg4 Si^\b_b\Zmbhgl ln[c^\m mh \aZg`^ pbmahnm ghmb\^4
W^ \hne] ghm ^oZenZm^ Zee ma^ i^k_hkfZg\^ Zg] Zee ma^ iZkZf^m^kl _hk ^o^kr ihllb[e^ Ziieb\Zmbhg4 Tanl ma^ nl^k lahne] [^ bg Z kb`am ihlbmbhg mh
\ahhl^ ma^ lnbmZ[e^ ikh]n\m _hk ma^bk hpg Ziieb\Zmbhg4 J_ ma^k^ bl Zgr jn^kr2 ie^Zl^ \hgmZ\m Ihg`_Z _hk ma^ m^\agb\Ze l^kob\^4 Ihp^o^k2 bm bl ma^ nl^kxl
k^lihglb[bebmr mh ]^m^kfbg^ pab\a ikh]n\m lahne] [^ nl^] hger4
t XbZf^g Ihg`_Z Fe^\mkhZ\hnlmb\ Dh42 Lm]4 Bee kb`aml h_ Ihg`_Z Zk^ k^l^ko^]4
/Chmmhf ob^p0
R^fZkd@ 70 Jg \Zl^ h_ gh mhe^kZg\^ lahpg bg hnmebg^ ]bf^glbhg@ hnmebg^ ]bf^glbhg V7ff2 mhe^kZg\^ lahne] [^ u648ffA hnmebg^ ]bf^glbhg X7ff
Zg] V;ff2 mhe^kZg\^ lahne] [^ u649ffA hnmebg^ ]bf^glbhg X;ff2 mhe^kZg\^ lahne] [^ u64:ff4
80 Ta^ mhe^kZg\^ pbmahnm bg]b\Zmbg` _hk PDC eZrhnm bl ZepZrl u647ff4
90 Ta^ pb]ma h_ ma^ `kb]]bg` bl 84;ff4
6;
76
;
7;
76
;6
766
/Chmmhf ob^p0
/Chmmhf ob^p0
894> U64;
8364;q64;
?4; U64;
-JFG PJGNAED
;2 <2 ?2 782 7>2 8:2 :>VED
IG9<GE 5 678
L
T
3I
-JFG KJQDL
4* S^glbmbo^
6FG@ SmZg]Zk]
-JINABN HANDLFAG
;* B`SgO8
79./9361 360795+;376
;RKD
-JINABN ALLAIEDHDIN
2* 7 Ghkf B
7<;436/ .35/6:376:{ >39361 .3+19+5 +6. 8- ,7+9. 4+@7<;
Onmebg^ Ebf^glbhgl
-2+9+-;/93:;3- -<9=/:
/XXX0
Ugbm@ ff
Wbkbg` EbZ`kZf
PDC LZrhnm
769
8;6VBD596VED R^lblmbo^ ehZ]
6JNDM* 70 WZm^k \e^Zgbg` hk lnk_Z\^ ikh\^ll bl ghm ln``^lm^] Z_m^k ma^ _enq3ikhh_^] k^eZrl Zk^ Zll^f[e^] hg PDC4
80 Genq3ikhh_^] k^eZrl \Zg ghm [^ nl^] bg ma^ ^gobkhgf^gm pbma iheenmZgml ebd^ I8S2 SO82NO82 ]nlm2 ^m\4
:KDBFAG BJCD90
???* Dnlmhf^k li^\bZe k^jnbk^f^gm
6FG* SmZg]Zk]
90 Ta^ \nlmhf^k li^\bZe k^jnbk^f^gm ^qik^ll Zl li^\bZe \h]^ Z_m^k ^oZenZmbg` [r Ihg`_Z4
7<4;
94;
:3w749
;DMN BJICFNFJIM*
76B 8;6VBD2 R^lblmbo^ ehZ]2
Rhhf m^fi42 7l hg ?l h__4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com