Electronic Components Datasheet Search
  English  ▼

X  

PE6193 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6193
Description  2.4mm Female Shorting Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6193 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6193 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6193 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
2.4mm Female Shorting
Mechanical Specifications
Size
Length, in [mm]
0.4 [10.16]
Width, in [mm]
0.23 [6]
.
Connector
Type
2.4mm Female Shorting
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Not Intended for Calibration
2.4mm Female Shorting Dust Cap from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Shorting Dust Cap PE6193
URL:
http://www.pasternack.com/shorting-2.4mm-female-dust-cap-pe6193-p.aspx
PE6193
PE6193 REV 1.0
2.4mm Female Shorting Dust Cap


Similar Part No. - PE6193

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6193 PASTERNACK-PE6193 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
More results

Similar Description - PE6193

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6135 PASTERNACK-PE6135 Datasheet
232Kb / 2P
Shorting TNC Female Dust Cap
PE6007 PASTERNACK-PE6007 Datasheet
236Kb / 2P
Shorting Dust Cap for SMA Female
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
PE6192 PASTERNACK-PE6192 Datasheet
192Kb / 2P
2.4mm Male Shorting Dust Cap
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
BNC Female Non-Shorting Dust Cap
PE6135 PASTERNACK-PE6135_16 Datasheet
413Kb / 3P
TNC Female Shorting Dust Cap
PE6192 PASTERNACK-PE6192_16 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com