Electronic Components Datasheet Search
  English  ▼

X  

PE6240 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6240
Description  F Male Non-Shorting Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6240 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6240 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6240 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
F Male Non-Shorting
Chain Option
No Chain
Mechanical Specifications
Size
Length, in [mm]
0.33 [8.38]
Width, in [mm]
0.43 [11]
.
Weight, lbs [g]
0.009 [4.08]
Connector
Type
F Male Non-Shorting
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• Silicone Rubber Gasket
F Male Non-Shorting Dust Cap from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: F Male Non-Shorting Dust Cap PE6240
URL: http://www.pasternack.com/non-shorting-f-male-dust-cap-pe6240-p.aspx
PE6240
PE6240 REV 1.0
F Male Non-Shorting Dust Cap


Similar Part No. - PE6240

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6240 PASTERNACK-PE6240 Datasheet
411Kb / 3P
F Male Non-Shorting Dust Cap
PE6240 PASTERNACK-PE6240_16 Datasheet
411Kb / 3P
F Male Non-Shorting Dust Cap
More results

Similar Description - PE6240

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6014 PASTERNACK-PE6014 Datasheet
234Kb / 2P
Non-Shorting Dust Cap for BNC Male
PE6017 PASTERNACK-PE6017 Datasheet
230Kb / 2P
Non-Shorting Dust Cap for N Male
PE6020 PASTERNACK-PE6020 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SSMA Male
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMA Male
PE6109 PASTERNACK-PE6109 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for C Male
PE6113 PASTERNACK-PE6113 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Male
PE6109 PASTERNACK-PE6109_16 Datasheet
413Kb / 3P
C Male Non-Shorting Dust Cap
PE6113 PASTERNACK-PE6113_16 Datasheet
415Kb / 3P
HN Male Non-Shorting Dust Cap
PE6144 PASTERNACK-PE6144_16 Datasheet
415Kb / 3P
TNC Male Non-Shorting Dust Cap
PE6240 PASTERNACK-PE6240_16 Datasheet
411Kb / 3P
F Male Non-Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com