Electronic Components Datasheet Search
  English  ▼

X  

280-048P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 280-048P
Description  HiPer-D Combo Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-048P Datasheet(HTML) 2 Page - Glenair, Inc.

  280-048P Datasheet HTML 1Page - Glenair, Inc. 280-048P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-11
© 2013 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
SERIES 28
HiPer-D® Combo Connectors
C
A
C
D
B
8-32 UNC-2B .150
(3.81) DEEP 2 PLCS
4-40 UNC-2B .150
(3.81) DEEP 2 PLCS
.262 ± .005
(6.65 ± 0.13)
.094
(2.39)
.390 ± .005
(9.91 ± 0.13)
OPTIONAL SEALING BOOT SUPPLIED WITH
CONTACT OR ORDERED SEPARATELY
1.129 (28.68)
(REF)
C
E G
R .134
(3.40)
R .104
(2.64)
F
Dimensions
Shell
Size
A
B
C Basic
D
E
F Basic
G
in
± .015
mm
± 0.38
in
± .015
mm
± 0.38
in.
mm
in
± .005
mm
± 0.13
in
± .005
mm
± 0.13
in
mm
in
± .015
mm
± 0.38
1
1.865
47.37
.725
18.42
.984
24.99
.726
18.44
.329
8.36
1.424
36.17
.389
9.88
2
2.200
55.88
.725
18.42
1.312
33.32
1.054
26.77
.329
8.36
1.752
44.50
.389
9.88
3
2.736
69.49
.725
18.42
1.852
47.04
1.594
40.49
.329
8.36
2.292
58.22
.389
9.88
4
3.385
85.98
.725
18.42
2.500
63.50
2.242
56.95
.329
8.36
2.940
74.68
.389
9.88
5
3.289
83.54
.837
21.26
2.406
61.11
2.139
54.33
.441
11.20
2.846
72.29
.501
12.73
280-048P panel mount pin combo connectors with O-ring
mounting flange, crimp termination
280-048P DIMENSIONS
NOTES
1.
See About Series 28 HiPer-D® Shell Plating Options for additional shell material and finish options. Glenair offers the industry’s
widest selection of plating options with no minimum order quantities or setup charges.
2.
For panel cutouts, refer to Panel Cutouts and Printed Circuit Board Footprints.
3.
Connectors are supplied with size #20 crimp contacts per M39029. Contacts are not installed. Refer to HiPer-D® Contacts and Tools
section for contact part numbers, specifications, crimp tool information, and insertion/extraction tools.
4.
Size 8 contacts are ordered separately. Refer to HiPer-D® Contacts and Tools section for contact ordering information,
specifications, crimp tool information, and insertion/extraction tools.
5.
Combo HiPer-D® connectors meet the applicable requirements of MIL-DTL-24308 and are intermateable with standard non-
environmental D Subminiature connectors with corresponding contact arrangements and type. Size 8 contacts from other
manufacturers cannot be installed in HiPer-D® connectors.
6.
Additional electrical, mechanical and environmental specifications are listed in HiPer-D® Product Specification.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com