Electronic Components Datasheet Search
  English  ▼

X  

LM20145 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM20145
Description  5A PowerWise Adjustable Frequency Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20145 Datasheet(HTML) 1 Page - Texas Instruments

  LM20145 Datasheet HTML 1Page - Texas Instruments LM20145 Datasheet HTML 2Page - Texas Instruments LM20145 Datasheet HTML 3Page - Texas Instruments LM20145 Datasheet HTML 4Page - Texas Instruments LM20145 Datasheet HTML 5Page - Texas Instruments LM20145 Datasheet HTML 6Page - Texas Instruments LM20145 Datasheet HTML 7Page - Texas Instruments LM20145 Datasheet HTML 8Page - Texas Instruments LM20145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PVIN
SW
AGND
FB
PGOOD
EN
SS/TRK
AVIN
COMP
LM20145
L
RF
VCC
PGND
CIN
RC1
CC1
VIN
CSS
CVCC
COUT
VOUT
RFB2
RFB1
CF
RT
RT
(optional)
LM20145
www.ti.com
SNVS530E – OCTOBER 2007 – REVISED MARCH 2013
LM20145/LM20145Q 5A, PowerWise® Adjustable Frequency Synchronous Buck Regulator
Check for Samples: LM20145
1
FEATURES
DESCRIPTION
The LM20145 is a full featured adjustable frequency
2
•
Available in AEC-Q100 Temperature Grade 1
synchronous buck regulator capable of delivering up
•
Input Voltage Range 2.95V to 5.5V
to 5A of continuous output current. The current mode
•
Accurate Current Limit Minimizes Inductor
control loop can be compensated to be stable with
Size
virtually any type of output capacitor. For most cases,
compensating the device only requires two external
•
97% Peak Efficiency
components, providing maximum flexibility and ease
•
Adjustable Switching Frequency (250 kHz to
of use. The device is optimized to work over the input
750 kHz)
voltage range of 2.95V to 5.5V making it suited for a
•
32 m
Ω Integrated FET Switches
wide variety of low voltage systems.
•
Starts up into Pre-Biased Loads
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
•
Output Voltage Tracking
increased system reliability. A precision enable pin
•
Peak Current Mode Control
and integrated UVLO allows the turn-on of the device
•
Adjustable Output Voltage down to 0.8V
to be tightly controlled and sequenced. Start-up
•
Adjustable Soft-Start with External Capacitor
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
•
Precision Enable Pin with Hysteresis
detection and supply sequencing is possible with the
•
Integrated OVP, UVLO, Power Good and
integrated power good circuit.
Thermal Shutdown
The LM20145 is designed to work well in multi-rail
•
HTSSOP 16-Pin Exposed Pad Package
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
APPLICATIONS
using the SS/TRK pin. If the output of the LM20145 is
pre-biased at startup it will not sink current to pull the
•
Simple to Design, High Efficiency Point of
output low until the internal soft-start ramp exceeds
Load Regulation from a 5V or 3.3V Bus
the voltage at the feedback pin.
•
High Performance DSPs, FPGAs, ASICs and
The frequency of this device can be adjusted from
Microprocessors
250 kHz to 750 kHz by connecting an external
•
Broadband, Networking and Optical
resistor from the RT pin to ground.
Communications Infrastructure
The LM20145 is offered in a 16-pin HTSSOP
package with an exposed pad that can be soldered to
the PCB, eliminating the need for bulky heatsinks.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM20145

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI2-LM20145 Datasheet
965Kb / 32P
LM20145/LM20145Q 5A, PowerWise® Adjustable Frequency Synchronous Buck Regulator
REVISED MARCH 2013
LM20145-Q1 TI2-LM20145-Q1 Datasheet
965Kb / 32P
LM20145/LM20145Q 5A, PowerWise® Adjustable Frequency Synchronous Buck Regulator
REVISED MARCH 2013
logo
National Semiconductor ...
LM20145MH NSC-LM20145MH Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Similar Description - LM20145

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
5A Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
6A, Adjustable Frequency Synchronous Buck Regulator
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
5A Adjustable Frequency Synchronous Buck Regulator
LM20143 TI1-LM20143_16 Datasheet
1Mb / 36P
3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com