Electronic Components Datasheet Search
  English  ▼

X  

LM27341 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM27341
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM27341 Datasheet HTML 35Page - Texas Instruments LM27341 Datasheet HTML 36Page - Texas Instruments LM27341 Datasheet HTML 37Page - Texas Instruments LM27341 Datasheet HTML 38Page - Texas Instruments LM27341 Datasheet HTML 39Page - Texas Instruments LM27341 Datasheet HTML 40Page - Texas Instruments LM27341 Datasheet HTML 41Page - Texas Instruments LM27341 Datasheet HTML 42Page - Texas Instruments LM27341 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM27342SD/NOPB
WSON
DSC
10
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LM27342SDX/NOPB
WSON
DSC
10
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM27341MY/NOPB
MSOP-PowerPAD
DGQ
10
1000
213.0
191.0
55.0
LM27341QMY/NOPB
MSOP-PowerPAD
DGQ
10
1000
213.0
191.0
55.0
LM27341QMYX/NOPB
MSOP-PowerPAD
DGQ
10
3500
367.0
367.0
35.0
LM27341SD/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LM27342MY/NOPB
MSOP-PowerPAD
DGQ
10
1000
213.0
191.0
55.0
LM27342MYX/NOPB
MSOP-PowerPAD
DGQ
10
3500
367.0
367.0
35.0
LM27342QMY/NOPB
MSOP-PowerPAD
DGQ
10
1000
213.0
191.0
55.0
LM27342QMYX/NOPB
MSOP-PowerPAD
DGQ
10
3500
367.0
367.0
35.0
LM27342SD/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LM27342SDX/NOPB
WSON
DSC
10
4500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Sep-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com