Electronic Components Datasheet Search
  English  ▼

X  

LM34910C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM34910C
Description  High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34910C Datasheet(HTML) 3 Page - Texas Instruments

  LM34910C Datasheet HTML 1Page - Texas Instruments LM34910C Datasheet HTML 2Page - Texas Instruments LM34910C Datasheet HTML 3Page - Texas Instruments LM34910C Datasheet HTML 4Page - Texas Instruments LM34910C Datasheet HTML 5Page - Texas Instruments LM34910C Datasheet HTML 6Page - Texas Instruments LM34910C Datasheet HTML 7Page - Texas Instruments LM34910C Datasheet HTML 8Page - Texas Instruments LM34910C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM34910C
www.ti.com
SNVS517B – MAY 2007 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
55V
BST to GND
70V
SW to GND (Steady State)
-1.5V
ESD Rating(3)
Human Body Model
2kV
BST to VCC
55V
VIN to SW
55V
BST to SW
14V
VCC to GND
14V
SGND to RTN
-0.3V to +0.3V
Current out of ISEN
See Text
SS to RTN
-0.3V to 4V
All Other Inputs to GND
-0.3 to 7V
Storage Temperature Range
-55°C to +150°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
VIN
8.0V to 50V
Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 24V, RON = 200k unless otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, VCC
VCCReg
VCC regulated output
6.6
7
7.4
V
ICC = 0 mA,
VIN-VCC dropout voltage
1.4
V
VCC = VCCReg - 100 mV
VCC output impedance
0 mA
≤ ICC ≤ 5 mA
140
Ω
VCC current limit
(2)
VCC = 0V
9
mA
UVLOVCC
VCC under-voltage lockout
VCC increasing
5.8
V
threshold
UVLOVCC hysteresis
VCC decreasing
150
mV
UVLOVCC filter delay
100 mV overdrive
3
µs
IIN operating current
Non-switching, FB = 3V
0.63
1
mA
IIN shutdown current
RON/SD = 0V
80
250
µA
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
ITEST = 200 mA
0.45
0.95
Ω
UVLOGD
Gate Drive UVLO
VBST - VSW Increasing
3.0
4.3
5.5
V
UVLOGD hysteresis
440
mV
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM34910C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com