Electronic Components Datasheet Search
  English  ▼

X  

TLE42664 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE42664
Description  Very Low Dropout Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42664 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE42664 Datasheet HTML 7Page - Infineon Technologies AG TLE42664 Datasheet HTML 8Page - Infineon Technologies AG TLE42664 Datasheet HTML 9Page - Infineon Technologies AG TLE42664 Datasheet HTML 10Page - Infineon Technologies AG TLE42664 Datasheet HTML 11Page - Infineon Technologies AG TLE42664 Datasheet HTML 12Page - Infineon Technologies AG TLE42664 Datasheet HTML 13Page - Infineon Technologies AG TLE42664 Datasheet HTML 14Page - Infineon Technologies AG TLE42664 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
12
Rev. 1.1, 2014-07-03
TLE42664
Application Information
R
thJA,max =(Tj,max – Ta) / PD
= (150 °C – 105 °C) / 0.479 W
= 93.9 K/W
As a result, the PCB design must ensure a thermal resistance
R
thJA lower than 93.9 K/W. By considering
TLE42664G (PG-SOT223-4 package) and according to “Thermal Resistance” on Page 6, at least 300 mm²
heatsink area is needed on the FR4 1s0p PCB, or the FR4 2s2p board can be used.
6.4
Reverse Polarity Protection
TLE42664 is self protected against reverse polarity faults and allows negative supply voltage. External reverse
polarity diode is not needed. However, the absolute maximum ratings of the device as specified in “Absolute
Maximum Ratings” on Page 5 must be kept.
The reverse voltage causes several small currents to flow into the IC hence increasing its junction temperature.
As the thermal shut down circuitry does not work in the reverse polarity condition, designers have to consider this
in their thermal design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com