Electronic Components Datasheet Search
  English  ▼

X  

PE82P5000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE82P5000
Description  8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P5000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE82P5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
TECHNICAL DATA SHEET
The PE82P5000 is a Digitally Controlled Analog Phase Shifter that operates from 0.5 GHz to 2 GHz. The unit has the
capability for Phase Shifting from 0° to 360°. The unit consist of an Analog Phase Shifter and a Digital-To-Analog converter
with 8 bits of logic input lines that allow 256 discrete values of Phase.
Features
• Analog Phase Shifter
• 0.5 GHz to 2 GHz Frequency Range
• 360 Deg Typ Phase Shift
• 0 - 10 VDC Control Voltage Range
• 1 Watt CW Max InputPower
• Insertion Loss 13 dB Max
Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Radar
• Military Communications Systems
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.5
2
GHz
Insertion Loss
13
dB
Amplitude Error
±1
dB
Phase Shift Error
±10°
Phase Shift
Range
360° in 256 Steps
Control Input
8 Bit TTL
Switching Speed @50% TTL to within
500
ns
(10% of Final Phase Value)
.
DC Power Supply
15
Volts
-15
. .
Mechanical Specifications
Size
Length
4.95 in [125.73 mm]
Width
3.38 in [85.85 mm]
Height
1 in [25.4 mm]
.
Environmental Specifications
Temperature
Operating Range
0 to +50 deg C
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz, 360 Deg Phase Shift, 256 Steps and
SMA PE82P5000
PE82P5000
PE82P5000 REV 1.0
8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz,
360 Deg Phase Shift, 256 Steps and SMA


Similar Part No. - PE82P5000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
PE82P5002 PASTERNACK-PE82P5002 Datasheet
442Kb / 7P
8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz
PE82P5003 PASTERNACK-PE82P5003 Datasheet
366Kb / 3P
8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz
More results

Similar Description - PE82P5000

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
35 GHz 5-Bit Phase Shifter
logo
Merrimac Industries, In...
PTM-84A-20B MERRIMAC-PTM-84A-20B Datasheet
108Kb / 2P
8-BIT DIGITAL PHASE SHIFTER
PTM-84B-100B MERRIMAC-PTM-84B-100B Datasheet
125Kb / 2P
8-BIT DIGITAL PHASE SHIFTER
logo
TriQuint Semiconductor
TGP2102 TRIQUINT-TGP2102_15 Datasheet
377Kb / 9P
35 GHz 5-Bit Phase Shifter
logo
Pasternack Enterprises,...
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
PE82P5002 PASTERNACK-PE82P5002 Datasheet
442Kb / 7P
8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz
PE82P5003 PASTERNACK-PE82P5003 Datasheet
366Kb / 3P
8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz
logo
Custom MMIC Design Serv...
CMD175P4 MMIC-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
logo
Qorvo, Inc
CMD175P4 QORVO-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
8-12 GHz 6-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com