Electronic Components Datasheet Search
  English  ▼

X  

PE347 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE347
Description  TNC Male to TNC Male Low Loss Test Cable Using PE-P142LL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE347 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE347 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE347 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE347 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE347 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PE340’s high performance test cable’s 0.195 inch diameter and 83% phase velocity offer very low loss performance up
to 18 GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test environments
where a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all rated to 18 GHz.
A heavy Duty boot provides improved strain relief and adds to the durability of the cable assemblies. These cable assemblies
are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95 dB. All PE340
cable assemblies are 100% Continuity, Hi-POT, and RF tested to published specifications. Custom lengths are built to order
and shipped same day.
• 83% Velocity of Propagation
•
Shielding effectiveness > 95 dB
•
Maximum VSWR is < 1.35:1 to 18 GHz
•
Minimum Bend Radius of 1.5 inches
• Operating Temperature range of -55 to +125 °C
• ROHS and REACH Compliant
• Same day shipment of custom lengths
• 100% Continuity, Hi-Pot, and RF tested
Configuration
Connector 1
TNC Male
Connector 2
TNC Male
Cable Type
PE-P142LL
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
83
RF Shielding, dB
95
Typical Performance by Frequency
Frequency 1
Frequency, MHz
400
Insertion Loss
0.045 dB/ft [0.15 dB/m ]
Power Handling, KWatts
1.2
Frequency 2
Frequency, MHz
1000
Insertion Loss
0.072 dB/ft [0.24 dB/m ]
Power Handling, Watts
700
Frequency 3
Frequency, GHz
2
Insertion Loss
0.103 dB/ft [0.34 dB/m ]
Power Handling, Watts
500
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male to TNC Male Low Loss Test Cable Using PE-P142LL Coax, RoHS PE347
PE347 REV 1.2
PE347
TNC Male to TNC Male Low Loss Test Cable
Using PE-P142LL Coax, RoHS


Similar Part No. - PE347

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE347-100CM PASTERNACK-PE347-100CM Datasheet
348Kb / 4P
TECHNICAL DATA SHEET
PE347-12 PASTERNACK-PE347-12 Datasheet
347Kb / 4P
TECHNICAL DATA SHEET
PE347-150CM PASTERNACK-PE347-150CM Datasheet
348Kb / 4P
TECHNICAL DATA SHEET
PE347-200CM PASTERNACK-PE347-200CM Datasheet
348Kb / 4P
TECHNICAL DATA SHEET
PE347-24 PASTERNACK-PE347-24 Datasheet
347Kb / 4P
TECHNICAL DATA SHEET
More results

Similar Description - PE347

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE346 PASTERNACK-PE346 Datasheet
349Kb / 4P
TNC Male to TNC Male Right Angle Low Loss Test Cable Using PE-P142LL Coax, RoHS
PE348 PASTERNACK-PE348 Datasheet
353Kb / 4P
TNC Male to TNC Female Bulkhead Low Loss Test Cable Using PE-P142LL Coax, RoHS
PE348-24 PASTERNACK-PE348-24 Datasheet
354Kb / 4P
TNC Male to TNC Female Bulkhead Low Loss Test Cable 24 Inch Length Using PE-P142LL Coax, RoHS
PE348-50CM PASTERNACK-PE348-50CM Datasheet
355Kb / 4P
TNC Male to TNC Female Bulkhead Low Loss Test Cable 50 CM Length Using PE-P142LL Coax, RoHS
PE348-60 PASTERNACK-PE348-60 Datasheet
355Kb / 4P
TNC Male to TNC Female Bulkhead Low Loss Test Cable 60 Inch Length Using PE-P142LL Coax, RoHS
PE348-100CM PASTERNACK-PE348-100CM Datasheet
366Kb / 4P
TNC Male to TNC Female Bulkhead Low Loss Test Cable 100 CM Length Using PE-P142LL Coax, RoHS
PE348-150CM PASTERNACK-PE348-150CM Datasheet
355Kb / 4P
TNC Male to TNC Female Bulkhead Low Loss Test Cable 150 CM Length Using PE-P142LL Coax, RoHS
PE348-200CM PASTERNACK-PE348-200CM Datasheet
355Kb / 4P
TNC Male to TNC Female Bulkhead Low Loss Test Cable 200 CM Length Using PE-P142LL Coax, RoHS
PE349 PASTERNACK-PE349 Datasheet
485Kb / 4P
TNC Male to N Male Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3205 PASTERNACK-PE3C3205 Datasheet
415Kb / 5P
SMA Female to TNC Male Low Loss Cable Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com