Electronic Components Datasheet Search
  English  ▼

X  

PE370 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE370
Description  SMA Male to SMA Male Test Cable Using PE-P102 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE370 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE370 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE370 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE370 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE370 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Cable Type
PE-P102
Electrical Specifications
Frequency Range
DC to 26.5 GHz
Impedance
50 Ohms
Maximum VSWR
1.4:1
Velocity of Propagation
76 %
RF Shielding
90 dB
Peak Power
550 Watts
Typical Performance by Frequency
Frequency 1
Frequency
6 GHz
VSWR
1.25:1
Insertion Loss,
0.8 dB/ft [2.46 dB/m]
Power Handling, Watts
160
Frequency 2
Frequency
12 GHz
VSWR
1.25:1
Insertion Loss
1.08 dB/ft [3.54 dB/m]
Power Handling
110 Watts
Frequency 3
Frequency
18 GHz
VSWR
1.25:1
Insertion Loss
1.36 dB/ft [4.46 dB/m]
Power Handling
89 Watts
Frequency 4
Frequency
26.5 GHz
VSWR
1.4:1
Insertion Loss
1.67 dB/ft [5.48 dB/m]
Power Handling
73 Watts
Mechanical Specifications
Temperature
Temperature Operating Range
-65 to +165 deg C
Size
Diameter
0.35 in [8.89 mm]
.
Cable Color
Gray
One Time Minimum Bend Radius
0.32 in [8.13 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Test Cable Using PE-P102 Coax, RoHS PE370
PE370 REV 1.0
PE370
SMA Male to SMA Male Test Cable Using PE-P102 Coax, RoHS


Similar Part No. - PE370

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE370-100CM PASTERNACK-PE370-100CM Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 100 CM Length Using PE-P102 Coax, RoHS
PE370-12 PASTERNACK-PE370-12 Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 12 Inch Length Using PE-P102 Coax, RoHS
PE370-150CM PASTERNACK-PE370-150CM Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 150 CM Length Using PE-P102 Coax, RoHS
PE370-200CM PASTERNACK-PE370-200CM Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 200 CM Length Using PE-P102 Coax, RoHS
PE370-24 PASTERNACK-PE370-24 Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 24 Inch Length Using PE-P102 Coax, RoHS
More results

Similar Description - PE370

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE366 PASTERNACK-PE366 Datasheet
381Kb / 4P
SMA Male to SMA Male Test Cable Using PE-P160 Coax, RoHS
PE370-12 PASTERNACK-PE370-12 Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 12 Inch Length Using PE-P102 Coax, RoHS
PE370-24 PASTERNACK-PE370-24 Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 24 Inch Length Using PE-P102 Coax, RoHS
PE370-36 PASTERNACK-PE370-36 Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 36 Inch Length Using PE-P102 Coax, RoHS
PE370-48 PASTERNACK-PE370-48 Datasheet
474Kb / 4P
SMA Male to SMA Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PE370-50CM PASTERNACK-PE370-50CM Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 50 CM Length Using PE-P102 Coax, RoHS
PE370-60 PASTERNACK-PE370-60 Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 60 Inch Length Using PE-P102 Coax, RoHS
PE370-100CM PASTERNACK-PE370-100CM Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 100 CM Length Using PE-P102 Coax, RoHS
PE370-150CM PASTERNACK-PE370-150CM Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 150 CM Length Using PE-P102 Coax, RoHS
PE370-200CM PASTERNACK-PE370-200CM Datasheet
462Kb / 4P
SMA Male to SMA Male Test Cable 200 CM Length Using PE-P102 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com