Electronic Components Datasheet Search
  English  ▼

X  

PE2052 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2052
Description  90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2052 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2052 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2052 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2052 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Coupled Connectors
SMA Female
Design
90 Degrees Hybrid
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
4
GHz
Phase Difference
90
Degrees
Impedance
50
Ohms
Isolation
22
dB
Insertion Loss
3.1
dB
Input Power
50
Watts
Input VSWR
1.2:1
Peak Power
3
KWatts
Flatness
0.8
dB
Coupling Value
3
dB
Coupled Loss
0.1
dB
Frequency Sensitivity
0.4
dB
.
Mechanical Specifications
Size
Length
1.15 in [29.21 mm]
Width/Dia.
1.25 in [31.75 mm]
Height
0.38 in [9.65 mm]
.
Connectors
Description
Connector 1
Connector 2
Coupled Connectors
Type
SMA Female
SMA Female
SMA Female
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts PE2052
PE2052
PE2052 REV 1.3
90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts


Similar Part No. - PE2052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2050 PASTERNACK-PE2050 Datasheet
213Kb / 3P
90 Degree SMA Hybrid From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2051 PASTERNACK-PE2051 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 1 GHz to 2 GHz Rated To 50 Watts
PE2053 PASTERNACK-PE2053 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2.6 GHz
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
PE2055 PASTERNACK-PE2055 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 6 GHz to 12.4 GHz Rated To 100 Watts
More results

Similar Description - PE2052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2058 PASTERNACK-PE2058 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 8 GHz Rated To 30 Watts
PE2059 PASTERNACK-PE2059 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 12.4 GHz Rated To 100 Watts
PE2051 PASTERNACK-PE2051 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 1 GHz to 2 GHz Rated To 50 Watts
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
PE2055 PASTERNACK-PE2055 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 6 GHz to 12.4 GHz Rated To 100 Watts
PE2056 PASTERNACK-PE2056 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 7.5 GHz to 16 GHz Rated To 40 Watts
PE2057 PASTERNACK-PE2057 Datasheet
184Kb / 3P
90 Degree SMA Hybrid From 12 GHz to 18 GHz Rated To 40 Watts
PE2CP1022 PASTERNACK-PE2CP1022 Datasheet
571Kb / 6P
90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
PE2CP1051 PASTERNACK-PE2CP1051 Datasheet
527Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 1000 Watts
PE2CP1055 PASTERNACK-PE2CP1055 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 2 GHz to 4 GHz Rated to 100 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com