Electronic Components Datasheet Search
  English  ▼

X  

PE2057 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2057
Description  90 Degree SMA Hybrid From 12 GHz to 18 GHz Rated To 40 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2057 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2057 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2057 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2057 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Connector 3
SMA Female
Connector 4
SMA Female
Design
90 Degrees Hybrid
Electrical Specifications
Frequency Range, GHz
12 to 18
Phase Difference, Degrees
90
Impedance, Ohms
50
Isolation, dB
15
Maximum Insertion Loss, dB
3.4
Maximum Input Power, Watts
40
Maximum Input VSWR
1.5:1
Phase Balance, Degrees
5
Peak Power, KWatts
1
Flatness, dB
0.5
Coupling Value, dB
3
Coupled Loss, dB
0.4
Frequency Sensitivity, dB
0.7
Mechanical Specifications
Size
Length, in [mm]
1 [25.4]
Width, in [mm]
1.33 [33.78]
Height, in [mm]
0.38 [9.65]
.
Connector 1
Type
SMA Female
Connector 2
Type
SMA Female
Connector 3
Type
SMA Female
Connector 4
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree SMA Hybrid From 12 GHz to 18 GHz Rated To 40 Watts PE2057
PE2057
PE2057 REV
90 Degree SMA Hybrid From 12 GHz to
18 GHz Rated To 40 Watts


Similar Part No. - PE2057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2050 PASTERNACK-PE2050 Datasheet
213Kb / 3P
90 Degree SMA Hybrid From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2051 PASTERNACK-PE2051 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 1 GHz to 2 GHz Rated To 50 Watts
PE2052 PASTERNACK-PE2052 Datasheet
292Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts
PE2053 PASTERNACK-PE2053 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2.6 GHz
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
More results

Similar Description - PE2057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2058 PASTERNACK-PE2058 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 8 GHz Rated To 30 Watts
PE2059 PASTERNACK-PE2059 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 12.4 GHz Rated To 100 Watts
PE2051 PASTERNACK-PE2051 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 1 GHz to 2 GHz Rated To 50 Watts
PE2052 PASTERNACK-PE2052 Datasheet
292Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
PE2055 PASTERNACK-PE2055 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 6 GHz to 12.4 GHz Rated To 100 Watts
PE2056 PASTERNACK-PE2056 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 7.5 GHz to 16 GHz Rated To 40 Watts
PE2CP1022 PASTERNACK-PE2CP1022 Datasheet
571Kb / 6P
90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
PE2CP1051 PASTERNACK-PE2CP1051 Datasheet
527Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 1000 Watts
PE2CP1054 PASTERNACK-PE2CP1054 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 4.2 GHz Rated to 80 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com