Electronic Components Datasheet Search
  English  ▼

X  

PE4348 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4348
Description  GR874 Sexless Connector Accessories Attachment Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4348 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4348 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4348 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
GR874 Sexless Connector Accessories Attachment Accessories
Configuration
Connector
GR874 Sexless
Connector Interface Type
Accessories
Cable Attachment Method (Shield/Contact)
Accessories
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.066 [27.08]
Width/Dia., in [mm]
0.81 [20.57]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
GR874 Sexless
Contact Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
GR874 Sexless Connector Accessories Attachment Accessories from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: GR874 Sexless Connector Accessories Attachment Accessories PE4348
URL: http://www.pasternack.com/gr874-sexless-standard-accessories-connector-pe4348-p.aspx
PE4348
PE4348 REV 01
GR874 Sexless Connector Accessories Attachment Accessories


Similar Part No. - PE4348

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4348 PASTERNACK-PE4348 Datasheet
318Kb / 3P
Connector Accessories
PE4348 PASTERNACK-PE4348_16 Datasheet
318Kb / 3P
Connector Accessories
More results

Similar Description - PE4348

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
APC1 LUMINIS-APC1 Datasheet
25Kb / 1P
Attachment accessories
logo
Pasternack Enterprises,...
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
GR874 Sexless to BNC Female Adapter
PE9260 PASTERNACK-PE9260 Datasheet
244Kb / 2P
SMA Female to GR874 Sexless Adapter
PE9386 PASTERNACK-PE9386 Datasheet
249Kb / 3P
HN Male to GR874 Sexless Adapter
PE9387 PASTERNACK-PE9387 Datasheet
250Kb / 3P
HN Female to GR874 Sexless Adapter
PE4233 PASTERNACK-PE4233 Datasheet
221Kb / 3P
GR874 Sexless Connector Crimp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4022 PASTERNACK-PE4022 Datasheet
802Kb / 2P
UHF Sexless Connector Accessories Attachment For RG58
PE4021 PASTERNACK-PE4021 Datasheet
285Kb / 2P
UHF Sexless Connector Accessories UHF Sexless Connector Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com