Electronic Components Datasheet Search
  English  ▼

X  

PE8016 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8016
Description  Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8016 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8016 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8016 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8016 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Bias Type
Zero Biased Detector
Detector Polarity
Negative
Body Style
Straight
RF Input Connector
SMA Male
RF Input Impedance
50 Ohms
Video Output Connector
SMA Female
Electrical Specifications
Frequency Range, GHz
2 to 8
Voltage Sensitivity, mV/mW
500
Tangential Signal Sensitivity
-30
Flatness, dB
± 0.2
Video Capacitance, pF
20
Frequency 1
Frequency, GHz
2 to 2
Frequency 2
Frequency, GHz
2 to 8
Mechanical Specifications
Temperature
Operating Range,deg C
0 to +90
Storage Range, deg C
-65 to +150
Size
Length, in [mm]
1.21 [30.73]
Width/Dia., in [mm]
0.312 [7.92]
.
RF Input
Type
SMA Male
Dielectric Type
PTFE
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, Inch
5/16
Body Material and Plating
Passivated Stainless Steel
Video Output
Type
SMA Female
Dielectric Type
PTFE
Inner Conductor Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From
2 GHz to 8 GHz PE8016
PE8016
PE8016 REV 1.2
Zero Biased Detector With 50 Ohm SMA Male to SMA
Female Video Out Operating From 2 GHz to 8 GHz


Similar Part No. - PE8016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE801 MACOM-PE801 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
logo
Pasternack Enterprises,...
PE8010 PASTERNACK-PE8010 Datasheet
245Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 2 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8012P PASTERNACK-PE8012P Datasheet
250Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
More results

Similar Description - PE8016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8002 PASTERNACK-PE8002 Datasheet
244Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8003 PASTERNACK-PE8003 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8004 PASTERNACK-PE8004 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 4 GHz to 8 GHz
PE8004-P PASTERNACK-PE8004-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 4 GHz to 8 GHz
PE8006 PASTERNACK-PE8006 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8006-P PASTERNACK-PE8006-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8008 PASTERNACK-PE8008 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8008-P PASTERNACK-PE8008-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8003-P PASTERNACK-PE8003-P Datasheet
240Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8007 PASTERNACK-PE8007 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 16 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com