Electronic Components Datasheet Search
  English  ▼

X  

600F005 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 600F005
Description  Connector Holding Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

600F005 Datasheet(HTML) 1 Page - Glenair, Inc.

  600F005 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
H-56
H
600F005
Connector Holding Tool
MIL-DTL-38999 Series I
Plug and Receptacle
NOTES
1. Metric dimensions (mm) are indicated in parentheses.
2. Material: Case hardened carbon steel with electroless nickel finish.
3. Receptacle and plug holder drives: 1/4" - Shell sizes 09, 11 and 13; 3/8" - Shell sizes 15 and up.
NO POLARIZATION REQUIRED
Max. Recommended
Torque (Inch Pounds)
40
40
40
40
40
40
80
80
80
Shell
Size
09
11
13
15
17
19
21
23
25
B Dia.
Max.
.438 (11.1)
.566 (14.4)
.678 (17.2)
.803 (20.4)
.928 (23.6)
1.033 (26.2)
1.158 (29.4)
1.283 (32.6)
1.408 (35.8)
C Dim.
Max.
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
A Dia.
Max.
.577 (14.7)
.709 (18.0)
.829 (21.1)
.954 (24.2)
1.107 (28.1)
1.190 (30.2)
1.315 (33.4)
1.440 (36.6)
1.565 (39.8)
Basic Number
Product Series
Shell Size
600
F
005 - 17
P
Contact Style
P - Plug Holder
R - Receptacle Holder
D38999 Series I
Holding Tool Connector Code
C
B
A
C
Receptacle Holder
Plug Holder


Similar Part No. - 600F005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600F0R1AT250XT ETC2-600F0R1AT250XT Datasheet
345Kb / 5P
Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
600F0R1BT250XT ETC2-600F0R1BT250XT Datasheet
345Kb / 5P
Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
logo
NXP Semiconductors
600F0R1BT250XT NXP-600F0R1BT250XT Datasheet
265Kb / 14P
RF Power GaN Transistors
Rev. 0, 09/2019
logo
List of Unclassifed Man...
600F0R2AT250XT ETC2-600F0R2AT250XT Datasheet
345Kb / 5P
Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
logo
NXP Semiconductors
600F0R2BT250XT NXP-600F0R2BT250XT Datasheet
374Kb / 8P
RF Power GaN Transistor
Rev. 1, 01/2021
More results

Similar Description - 600F005

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4XXXH4BJ BOURNS-TISP4XXXH4BJ Datasheet
386Kb / 13P
HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
41KD ETC-41KD Datasheet
459Kb / 8P
Interrupt Holding Register
logo
Bourns Electronic Solut...
TISP4165H4BJ BOURNS-TISP4165H4BJ_07 Datasheet
356Kb / 11P
HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Glenair, Inc.
600FF005 GLENAIR-600FF005 Datasheet
160Kb / 1P
Connector Holding Tool
600H005 GLENAIR-600H005 Datasheet
161Kb / 1P
Connector Holding Tool
600HH005 GLENAIR-600HH005 Datasheet
161Kb / 1P
Connector Holding Tool
logo
LUMEX INC.
SSF-LXHM107GD LUMEX-SSF-LXHM107GD Datasheet
37Kb / 1P
T-3mm RIGHT ANGLE MATING HOLDING
SSF-LXHM107GD-6 LUMEX-SSF-LXHM107GD-6 Datasheet
65Kb / 1P
T-3mm RIGHT ANGLE MATING HOLDING
SSF-LXHM107IGW-4 LUMEX-SSF-LXHM107IGW-4 Datasheet
78Kb / 1P
T-3mm RIGHT ANGLE MATING HOLDING
logo
PHOENIX CONTACT
CUTFOX-10-BAR PHOENIX-CUTFOX-10-BAR Datasheet
46Kb / 2P
Replacement holding arm for cable roller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com