Electronic Components Datasheet Search
  English  ▼

X  

FT838D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT838D
Description  FT838D
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT838D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT838D Datasheet HTML 1Page - List of Unclassifed Manufacturers FT838D Datasheet HTML 2Page - List of Unclassifed Manufacturers FT838D Datasheet HTML 3Page - List of Unclassifed Manufacturers FT838D Datasheet HTML 4Page - List of Unclassifed Manufacturers FT838D Datasheet HTML 5Page - List of Unclassifed Manufacturers FT838D Datasheet HTML 6Page - List of Unclassifed Manufacturers FT838D Datasheet HTML 7Page - List of Unclassifed Manufacturers FT838D Datasheet HTML 8Page - List of Unclassifed Manufacturers FT838D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Fremont Micro Devices
FT838D/FT838R
© 2013 Fremont Micro Devices Inc.
Confidential Rev0.81
DS838D/838R-A-page2
TYPICAL APPLICATION CIRCUIT
Figure 1: Typical Application Circuit
ABSOLUTE MAXIMUM RATINGS
FB to GND………………………………...…………………………………….…….……….….... -0.3V to +7V
CS to GND…………………………………………...……………………………………….…….....-0.3V to +7V
VCC to GND…………………………………..………….…………………………………………-0.3V to +30V
OUT to GND…………………………………...…………………………….……….…………......-0.3V to +7V
Operating Temperature Range……………………...……………………………………………...-40℃ to +125℃
Junction Temperature………………………………..………………………………………….... -40℃ to +150℃
Storage Temperature Range ……………………………..………… ……………………….….-60℃ to +150℃
ESD Protection HBM……………….....……………………………………….……………………………….2000V
ESD Protection MM………………..……………………………………………………….……………………….200V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings
only. Functional operation above the Recommended Operating Conditions is not implied. Extended
exposure to stresses above the Recommended Operating Conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com