Electronic Components Datasheet Search
  English  ▼

X  

FT4442 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT4442
Description  Low voltage and low power operations:
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT4442 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT4442 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT4442 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT4442 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT4442 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT4442 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT4442 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT4442 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT4442 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT4442 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FT4442
DS3301AB-page
2
© 2008 Fremont Micro Devices Inc.
Pin Definitions and Functions
Card contact
Symbol
Function
C1
VCC
Supply voltage
C2
RST
Control input(Reset Signal)
C3
CLK
Clock input
C5
GND
Ground
C6
N.C.
Not connected
C7
I/O
Bi-directional data line(open drain)
Table 1
FUNCTION DISCRIPTION
Sequencer and
Security Logic
Interface
Programming
Control
Addr & data
registor,
Comparator
Vcoder,
Column
Sampling
High-voltage
generator,
Bias current
generator
I/O
RST
CLK
VCC
GND
EEPROM
256X8
Erase with write
protection
0
31
32
255
31
Main memory
Protection memory
Security memory
0
EEPROM
Data
Addr
Reset,
Blockade Logic
Reference Data
Reference Data
Reference Data
EC
Figure 2: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com