Electronic Components Datasheet Search
  English  ▼

X  

RCM-15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RCM-15
Description  Compact 15??rack mount display monitor with 7U height
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RCM-15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RCM-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers RCM-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RCM-15
15" 7U Rack Mount display Monitor
All specifications are subject to change without prior notice
Features
.
Compact 15” rack mount display monitor with 7U height
.
15” XGA TFT LCD Panel support 1024×768 pixels
.
90°tilt adjustment while mounted in rack: +45 °~ -45°
.
Input signal : VGA + DVI + AUDIO
.
250 cd/m2 brightness
.
OSD control keys to optimize the display
.
AC 100-240V wide range external ac adapter
.
Heavy duty steel chassis with strengthen glass (Touch option)
.
Build in 2x2 watts stereo speaker
.
Meet standard VESA hole ( 100x100 mm ), support desk top stand /
wall mount/ swing arm mounting
Design Drawings
Construction
: Heavy duty steel chassis
Dimensions (WxHxD)
: 482.6 x 310.3 x 48 mm
Weight
: Net: 6.0kg , Gross:9.0kg
Operating temperature : 0 °C to 50 °C
Storage temperature
: -20 °C to 60 °C
Storage humidity
: 10% to 90% non-condensing
Anti-Vibration
: 17HZ-500 HZ 1G PTP
Anti-Shock
:1G / peak( 11m sec)
Mechanical and Environmental
Display Type : 15" XGA TFT LCD
Resolution : 1024 × 768
Max.color : 16.2M
Luminance : 250 cd/m2
View Angle : 178°(H) , 160°(V)
Pixel Pitch : 0.297 x 0.297 mm
Contrast Ratio : 1000 : 1
Response Time : 8 ms
LCD MTBF : 50,000hrs
TFT characteristics
Specifications
RGB Signal
: D-SUB 15P Connector (female)
DC input
: Aviation 2pin Plug
DVI-D Signal
: DVI-D input 24pin connector (female)
Touch screen RS232 (option)
: D-SUB 9p connector (female)
Touch screen USB (option)
: USB-A type connector (female)
Input Signals
Touch Screen
: Resistive Type with USB and RS232 controller
DC Power Input : wide Range 8~30v DC input
Available Options
Input: 100~240VAC,50/60Hz
Output: DC12V@ 5A / 60W ,external ac adapter
Power Specifications
TouchScreen-COM
Audio in
TouchScreen-USB
DVI in
VGA in
DC in


Similar Part No. - RCM-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
Compact 17??rack mount display monitor with 8U height
RCM-19 ETC2-RCM-19 Datasheet
293Kb / 2P
Compact 19??rack mount display monitor with 8.5U height
More results

Similar Description - RCM-15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3215 ADVANTECH-IDS-3215_14 Datasheet
394Kb / 2P
15" XGA Industrial Panel Mount Monitor
logo
List of Unclassifed Man...
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
Compact 17??rack mount display monitor with 8U height
RCM-19 ETC2-RCM-19 Datasheet
293Kb / 2P
Compact 19??rack mount display monitor with 8.5U height
RGPC-D5215 ETC2-RGPC-D5215 Datasheet
172Kb / 2P
Compact 19??Rack mount display monitor with 7U height
RGPC-D5219 ETC2-RGPC-D5219 Datasheet
172Kb / 2P
Compact 19??Rack mount display monitor with 7U height
RPM-17 ETC2-RPM-17 Datasheet
103Kb / 2P
17" 8U Rugged Rack Mount display Monitor
RPM-19 ETC2-RPM-19 Datasheet
222Kb / 2P
19" 8.5U Rugged Rack Mount display Monitor
891 ETC2-891 Datasheet
902Kb / 6P
Compact 2U half-rack form factor with 4.3??color display
logo
Advantech Co., Ltd.
IDS-3215 ADVANTECH-IDS-3215 Datasheet
724Kb / 2P
15' XGA Industrial Panel Mount Monitor
logo
AAEON Technology
OMNI-315M AAEON-OMNI-315M Datasheet
495Kb / 2P
15” Touch Display Monitor, DC 12~30V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com