Electronic Components Datasheet Search
  English  ▼

X  

CNN Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CNN
Description  thin film chip networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CNN Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CNN Datasheet HTML 1Page - KOA Speer Electronics, Inc. CNN Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CNN
CNN
thin film chip networks
features
• Metal film chip network resistors
• Excellent in relative T.C.R. and relative accuracy
• Pair resistors for high precision OP-amplifiers
• As custom products, any pairs between 1kΩ and 100kΩ
are available on request
• Marking: Green body color
• Products with lead-free terminations meet EU RoHS
and China RoHS requirements
For further information on packaging, please refer to Appendix A.
dimensions and construction
W
Protective
Coating
Resistive
Film
L
A
Outer
Electrode
Inner
Electrode
B
C
F
E
D
Ceramic
Substrate
NewPart#
Size
Code
.016±.012
(0.4±0.3)
.028±.006
(0.7±0.15)
.050
(1.27)
C
B
A
Dimensionsinches(mm)
CNN
.016±.012
(0.4±0.3)
.012±.008
(0.3±0.2)
.020±.004
(0.5±0.1)
F
E
D
circuit schematic
3
R1
R2
44
4
12
12
34
102
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/28/10
2 significant
figures + multiplier
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
B: ±0.1%
C: ±0.25%
CNN
2A
T
TE
B
Termination
Material
Type Style
Packaging
Resistance
Tolerance
Nominal
Resistance
103/103
TE:
4 mm pitch
embossed
plastic
A: 0.05%
B: 0.1%
Resistance
Ratio
A
2
2
Numberof
Elements
ordering information
.10±.008
(2.54±0.2)
L
.079±.008
(2.0±0.2)
W
1kΩ
1kΩ
1kΩ
Resistance
R1
10kΩ
10kΩ
100kΩ
1kΩ
10kΩ
100kΩ
R2
10kΩ
100kΩ
100kΩ
33
3
Marking
R1*
44
5
34
5
R2**
45
5
CNN: Custom products of any pairs between 1kΩ and 100kΩ are available on request
EU
* First marking number
** Second marking number


Similar Part No. - CNN

ManufacturerPart #DatasheetDescription
logo
Mersen
CNN MERSEN-CNN Datasheet
383Kb / 2P
Forklift Truck Fuses
CNN10 MERSEN-CNN10 Datasheet
383Kb / 2P
Forklift Truck Fuses
CNN100 MERSEN-CNN100 Datasheet
383Kb / 2P
Forklift Truck Fuses
CNN125 MERSEN-CNN125 Datasheet
383Kb / 2P
Forklift Truck Fuses
CNN150 MERSEN-CNN150 Datasheet
383Kb / 2P
Forklift Truck Fuses
More results

Similar Description - CNN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
Thin Film Chip Resistor Networks
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
HSTL Termination Circuit Thin Film Resistor Networks
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
PRECISION THIN FILM SIP NETWORKS
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
Thin Film Chip Inductors
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
Thick Film Chip Resistor Networks
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
Thin Film Chip Inductors
10-Aug-06
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
Thin Film Chip Fuse
30-Apr-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com