Electronic Components Datasheet Search
  English  ▼

X  

CPCN Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CPCN
Description  fixed ceramic melf resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CPCN Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CPCN Datasheet HTML 1Page - KOA Speer Electronics, Inc. CPCN Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
140
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
1/19/11
CPCN
fixed ceramic melf resistor
features
• Suitable for noise suppression of engine
ignition system
• Reliable in pulse/transient applications
• Marking: Gray body color with no marking
• Products meet EU RoHS requirements
ordering information
M: ±20%
2 significant figures
+ 1 multiplier
1/2: 0.5W
1: 1.0W
2N: 1.5W
3: 2.0W
CPCN
Type
PowerRating
Symbol
Nominal
Resistance
Tolerance
NewPart#
2N
502
M
dimensions and construction
Lc
L
D
Resistor
Electrode
Cap
Inner
Electrode
L
CPCN1/2 .421±.02
(10.7±0.5)
.213
(5.4)
.138±.004
(3.5±0.1)
Ni
Ni
Ni
Sn
.187±.012
(4.75±0.3)
.378
(9.6)
.63±.024
(16.0±0.6)
CPCN1
.187±.012
(4.75±0.3)
.452
(11.5)
.720±.024
(18.3±0.6)
CPCN2N
.283±.012
(7.2±0.3)
.394
(10.0)
.720±.024
(18.3±0.6)
CPCN3
Lc(min.)
D
CapPlate
Type
Dimensionsinches(mm)
Size
Code
EU


Similar Part No. - CPCN

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CPCN1/2502M KOA-CPCN1/2502M Datasheet
65Kb / 2P
Fixed Ceramics Resistor
CPCN1502 KOA-CPCN1502 Datasheet
65Kb / 2P
Fixed Ceramics Resistor
CPCN1502M KOA-CPCN1502M Datasheet
65Kb / 2P
Fixed Ceramics Resistor
CPCN1502M KOA-CPCN1502M Datasheet
88Kb / 2P
fixed ceramic melf resistor
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
fixed ceramic melf resistor
More results

Similar Description - CPCN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204 Datasheet
109Kb / 8P
Ultra Precision MELF Resistor
25-Feb-04
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
fixed carbon film melf resistor
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
fixed ceramic melf resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
MFM MERITEK-MFM Datasheet
428Kb / 2P
Metal Film MELF Resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
Metal Film MELF Resistor
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
zero ohm melf resistor
RD41 KOA-RD41 Datasheet
358Kb / 2P
fixed carbon film melf resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com