Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVR
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV62565DBVR Datasheet HTML 9Page - Texas Instruments TLV62565DBVR Datasheet HTML 10Page - Texas Instruments TLV62565DBVR Datasheet HTML 11Page - Texas Instruments TLV62565DBVR Datasheet HTML 12Page - Texas Instruments TLV62565DBVR Datasheet HTML 13Page - Texas Instruments TLV62565DBVR Datasheet HTML 14Page - Texas Instruments TLV62565DBVR Datasheet HTML 15Page - Texas Instruments TLV62565DBVR Datasheet HTML 16Page - Texas Instruments TLV62565DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TLV62565
2.7V to 5.5V
V
IN
FB
VIN
GND
EN
SW
C2
10µF
V
OUT
1.2V
L1
2.2µH
C1
4.7µF
R1
120k
R2
120k
TLV62565, TLV62566
www.ti.com
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
11 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
11.1 Application Information
The TLV6256x devices are synchronous step-down converters optimized for small solution size and high
efficiency. The devices integrate switches capable of delivering an output current up to 1.5 A.
11.2 Typical Application
TLV62565 2.7-V to 5.5-V input, 1.2-V output converter.
Figure 15. TLV62565 1.2-V Output Application
11.2.1 Design Requirements
11.2.1.1 Output Filter Design
The inductor and output capacitor together provide a low-pass frequency filter. To simplify this process, Table 3
outlines possible inductor and capacitor value combinations.
Table 3. Matrix of Output Capacitor and Inductor Combinations
COUT [µF]
(2) (3)
L [µH](1)
4.7
10
22
47
100
1
2.2
+(4)
+(4)
+(4)
4.7
(1)
Inductor tolerance and current de-rating is anticipated. The effective inductance can vary by +20% and
-30%.
(2)
Capacitance tolerance and bias voltage de-rating is anticipated. The effective capacitance can vary by
+20% and -50%.
(3)
For low output voltage applications (
≤ 1.2 V), more output capacitance is recommended (usually ≥ 22
µF) for smaller ripple.
(4)
Typical application configuration. '+' indicates recommended filter combinations.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com