Electronic Components Datasheet Search
  English  ▼

X  

LR72A Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # LR72A
Description  metal plate current sense resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LR72A Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LR72A Datasheet HTML 1Page - KOA Speer Electronics, Inc. LR72A Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/24/14
LR72A, B, C
metal plate current sense resistors
features
• Superior thermal expansion cycling
• Inductance less than 10nH
• Solderable pads (60/40 SnPb plate)
• Lead flexible for thermal expansion
• Products with lead-free terminations meet EU RoHS
and China RoHS requirements
ordering information
J: ±5%
D: SnAgCu (LR72C only)
N: CuNi (non-presolder)
(LR72A, B only)
2mΩ: 2L0
“L” indicates
the decimal
in milliohms
A
B
C
TED: LR72A
LR72B
TEB: LR73C
LR72
Type
Size
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
A
TED
2L0
J
D
For further information on packaging,
please refer to Appendix A.
dimensions and construction
a
L
t
a
Resistive Plate
Solder Coat
L
L2
t
Resistive Plate
L2
L
.39±.004
(10.0±0.1)
.079
(2.0)
.39±.004
(10.0±0.1)
.079
(2.0)
.118±.008
(3.0±0.2)
.079
(2 Max.)
.20±.008
(5.2±0.2)
.079
(2 Max.)
L2 +0.1
-.02
Wt
Dimensions inches
(mm)
Size
Code
LR72A
LR72B
LR72A
LR72B
LR72C
.44±.016
(11.2±0.4)
__
.126±.016
(3.2±0.4)
.137±.016
(3.5±0.4)
LR72C
EU


Similar Part No. - LR72A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LR72AD KOA-LR72AD Datasheet
95Kb / 4P
Surface Mount Custom Milli-Ohm Resistor
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
95Kb / 4P
Surface Mount Custom Milli-Ohm Resistor
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
93Kb / 2P
metal plate current sense resistors
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
More results

Similar Description - LR72A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
metal plate current sense resistor
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
metal plate current sense resistor
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
metal plate current sense resistor
logo
Vishay Siliconix
WFP VISHAY-WFP Datasheet
106Kb / 4P
Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power
26-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com