Electronic Components Datasheet Search
  English  ▼

X  

PSI Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # PSI
Description  chip type power shunt resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PSI Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  PSI Datasheet HTML 1Page - KOA Speer Electronics, Inc. PSI Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSI/PSE
chip type power shunt resistor
Operating
Temperature
Range
Rated
TerminalPart
Temperature
F:±1%
Resistance
Range
Part
Designation
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
PSI
3W*
PSE
5W*
±50
3mΩ, 4mΩ
-65°C to +155°C
+105°C
* A power rating shall be guaranteed with a method shown in the item. Please inquire before you order and/or use.
DeratingCurve
environmental applications
100
80
60
40
20
-60 -40 -20 0
40 60 80100
140
105
20
Terminal Part Temperature
(°C)
0
-65
120
155
PerformanceCharacteristics
Parameter
Requirement∆R±%
Limit
Typical
TestMethod
Overload (Short time)
15W for 5 seconds
±0.2%: PSI
±0.5%: PSE
±0.1%: PSI
±0.2%: PSE
Resistance to Solder Heat
260°C ± 5°C, 15 seconds ± 1 second
±0.5%
±0.1%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 1,000 cycles
±0.5%
±0.2%
Moisture Resistance
85°C ± 2°C, 85% RH, 1000 hours, 10% Bias
±0.5%
±0.2%
Endurance at and Less of
Terminal Part Temperature
Terminal part temperature: 105°C (PSI, PSE (3W), PSE (5W) 0.5m, 1.0m)
+85°C (PSE (5W) 1.5m)
+70°C (PSE (5W) 2.0m),
1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1.0%
±0.2%: PSI
±0.6%: PSE
Low Temperature Operation
-65°C, 96 hours
±0.5%
±0.02%: PSI
±0.1%: PSE
High Temperature Exposure
+155°C, 1,000 hours
±1%
±0.4%: PSI
±0.6%: PSE
±150
0.5mΩ, 1.0mΩ
1.5mΩ, 2.0mΩ
J:±5%
––
0.5mΩ, 1mΩ,
1.5mΩ, 2mΩ
0.5mΩ, 1mΩ: +105°C
1.5mΩ: 85°C
2mΩ: +70°C
For resistors operated at a terminal part temperature of described for each size or above, a power rating shall be derated in accordance with the derating curve.
Please refer to “Introduction of the derating curve based on the terminal part temperature” on the beginning of our catalog before use.
100
80
60
40
20
-60 -40 -20 0
40 60 80100
140
105
20
Terminal Part Temperature
(°C)
0
-65
120
155
70 85
2m
0.5m
1m
1.5m
PSE(5W)
PSI(3W)
55
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/27/14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com