Electronic Components Datasheet Search
  English  ▼

X  

PE6092 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6092
Description  50 Ohm 2 Watts Precision Passivated Stainless Steel TNC Female RF Load With Chain Up To 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6092 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6092 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6092 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 2 Watts Precision Passivated Stainless Steel TNC Female RF Load With Chain Up To 18 GHz
Configuration
RF Load Design
Precision
Connector
TNC Female
Connector Specification
MIL-C-39012
Heat Sink
Passivated Stainless Steel
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Input Power, Watts
2
Mechanical Specifications
Size
Length, in [mm]
1.338 [33.99]
Width/Dia., in [mm]
0.56 [14.22]
.
Connector
Type
TNC Female
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 2 Watts Precision Passivated Stainless Steel TNC Female RF Load With Chain Up To 18 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 2 Watts Precision Passivated Stainless Steel TNC Female RF Load With Chain Up To
18 GHz PE6092
URL: http://www.pasternack.com/tnc-female-precision-termination-pe6092-p.aspx
PE6092
PE6092 REV
50 Ohm 2 Watts Precision Passivated Stainless Steel
TNC Female RF Load With Chain Up To 18 GHz


Similar Part No. - PE6092

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6090 PASTERNACK-PE6090 Datasheet
86Kb / 1P
TNC MALE PRECISION TERMINATION WITH CHIN FREQUENCY RANGE: DC TO 18GHz
PE6090 PASTERNACK-PE6090 Datasheet
427Kb / 4P
2 Watt RF Load With Chain Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6090 PASTERNACK-PE6090_16 Datasheet
427Kb / 4P
2 Watt RF Load With Chain Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6091 PASTERNACK-PE6091 Datasheet
84Kb / 1P
TNC FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6091 PASTERNACK-PE6091 Datasheet
420Kb / 3P
2 Watt RF Load Up to 18 GHz With TNC Female Input Passivated Stainless Steel
More results

Similar Description - PE6092

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6070 PASTERNACK-PE6070 Datasheet
448Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 12.4 GHz
PE6073 PASTERNACK-PE6073 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6075 PASTERNACK-PE6075 Datasheet
247Kb / 2P
50 ohm 2 Watts precision Brass N Male RF Load With Chain Up To 18 GHz
PE6096 PASTERNACK-PE6096 Datasheet
244Kb / 3P
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6084 PASTERNACK-PE6084 Datasheet
215Kb / 2P
50 Ohm 2 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 18 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6084 PASTERNACK-PE6084_16 Datasheet
423Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6090 PASTERNACK-PE6090_16 Datasheet
427Kb / 4P
2 Watt RF Load With Chain Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6091 PASTERNACK-PE6091_16 Datasheet
420Kb / 3P
2 Watt RF Load Up to 18 GHz With TNC Female Input Passivated Stainless Steel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com