Electronic Components Datasheet Search
  English  ▼

X  

PE6100 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6100
Description  50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6100 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6100 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6100 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6100 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 5 Watts Tri-Metal Plated Brass 7/16 DIN Male RF Load Up To 7 GHz
Configuration
Connector
7/16 DIN Male
Heat Sink
Brass, Tri-Metal
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 7
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Input Power, Watts
5
Mechanical Specifications
Size
Length, in [mm]
1.685 [42.8]
Width/Dia., in [mm]
1.25 [31.75]
.
Connector
Type
7/16 DIN Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
PE6100
PE6100 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 5 Watts Tri-Metal Plated Brass 7/16 DIN Male RF Load Up To 7 GHz PE6100
50 Ohm 5 Watts Tri-Metal Plated Brass 7/16
DIN Male RF Load Up To 7 GHz


Similar Part No. - PE6100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6100 PASTERNACK-PE6100 Datasheet
426Kb / 4P
5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
PE6100 PASTERNACK-PE6100_16 Datasheet
426Kb / 4P
5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
More results

Similar Description - PE6100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6137 PASTERNACK-PE6137 Datasheet
255Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
PE6217 PASTERNACK-PE6217 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6TR1013 PASTERNACK-PE6TR1013 Datasheet
324Kb / 3P
2 Watt RF Load Up To 3 GHz With 7-16 DIN Male Input Silver Plated Brass
PE6190 PASTERNACK-PE6190 Datasheet
197Kb / 3P
Low Power 2 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Silver Plated Brass
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6100 PASTERNACK-PE6100_16 Datasheet
426Kb / 4P
5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
PE6139 PASTERNACK-PE6139_16 Datasheet
335Kb / 3P
5 Watt RF Load Up to 7 GHz with 7/16 DIN Female Tri-Metal Plated Brass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com