Electronic Components Datasheet Search
  English  ▼

X  

PE6181 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6181
Description  50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6181 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6181 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6181 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6181 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
50 Ohm 0.25 Watts Beryllium Copper SMP
Female RF Load Up To 26.5 GHz
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz PE6181
URL:
http://www.pasternack.com/0.25-watts-smp-female-rf-load-up-to-26.5-ghz-pe6181-p.aspx
PE6181
PE6181 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com