Electronic Components Datasheet Search
  English  ▼

X  

PE6182 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6182
Description  50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 40 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6182 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6182 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6182 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6182 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 0.25 Watts Beryllium Copper Mini SMP
Female RF Load Up To 40 GHz
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 40 GHz
Configuration
Connector
Mini SMP Female
Connector Specification
Mil-STD-348
Connection Method
Push-On
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Impedance, Ohms
50
Maximum VSWR
1.45:1
Maximum Input Power, Watts
0.25
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
0.47 [11.94]
Width/Dia., in [mm]
0.125 [3.18]
.
Connector
Type
Mini SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Outer Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type 1, Grade C, Class 1
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6182
PE6182 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 40 GHz PE6182


Similar Part No. - PE6182

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6182 PASTERNACK-PE6182 Datasheet
423Kb / 3P
Mini SMP Female Input Gold Plated Beryllium Copper
PE6182 PASTERNACK-PE6182_16 Datasheet
423Kb / 3P
Mini SMP Female Input Gold Plated Beryllium Copper
More results

Similar Description - PE6182

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6087 PASTERNACK-PE6087 Datasheet
370Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load Up To 40 GHz
PE6180 PASTERNACK-PE6180 Datasheet
353Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Female RF Load Up To 50 GHz
PE6800 PASTERNACK-PE6800 Datasheet
206Kb / 2P
50 Ohm 0.5 Watts WR-28 RF Load Up To 40 GHz
PE6181 PASTERNACK-PE6181 Datasheet
218Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz
PE6183 PASTERNACK-PE6183 Datasheet
244Kb / 3P
50 Ohm 0.5 Watts Beryllium Copper SMP Female RF Load Up To 18 GHz
PE6184 PASTERNACK-PE6184 Datasheet
213Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 18 GHz
PE6162 PASTERNACK-PE6162_16 Datasheet
425Kb / 4P
0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
PE6163 PASTERNACK-PE6163_16 Datasheet
418Kb / 3P
0.5 Watt RF Load Up to 40 GHz With Mini SMP Male Input Gold Plated Beryllium Copper
PE6183 PASTERNACK-PE6183_16 Datasheet
421Kb / 3P
0.5 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Beryllium Copper
PE6184 PASTERNACK-PE6184_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 18 GHz With Mini SMP Female Input Gold Plated Beryllium Copper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com