Electronic Components Datasheet Search
  English  ▼

X  

PE6187 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6187
Description  50 Ohm 5 Watts Aluminum N Male RF Load Up To 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6187 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6187 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6187 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6187 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 5 Watts Aluminum N Male RF Load Up To 3 GHz
Configuration
Connector
N Male
Heat Sink
Aluminum
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.15:1
Maximum Input Power, Watts
5
Peak Power, KWatts
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
2 [50.8]
Width/Dia., in [mm]
0.78 [19.81]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6187
PE6187 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 5 Watts Aluminum N Male RF Load Up To 3 GHz PE6187
50 Ohm 5 Watts Aluminum N Male RF Load Up To 3 GHz


Similar Part No. - PE6187

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6187 PASTERNACK-PE6187 Datasheet
435Kb / 4P
5 Watt RF Load Up to 3 GHz With N Male Input Aluminum
PE6187 PASTERNACK-PE6187_16 Datasheet
435Kb / 4P
5 Watt RF Load Up to 3 GHz With N Male Input Aluminum
More results

Similar Description - PE6187

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6168 PASTERNACK-PE6168 Datasheet
252Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink N Male RF Load Up To 4 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6186 PASTERNACK-PE6186 Datasheet
232Kb / 3P
50 Ohm 5 Watts Aluminum N Male RF Load Up To 6 GHz
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6227 PASTERNACK-PE6227 Datasheet
525Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6187 PASTERNACK-PE6187_16 Datasheet
435Kb / 4P
5 Watt RF Load Up to 3 GHz With N Male Input Aluminum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com