Electronic Components Datasheet Search
  English  ▼

X  

PE6189 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6189
Description  Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6189 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6189 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6189 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6189 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Input Power, Watts
50
Peak Power, KWatts
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
5 [127]
Width/Dia., in [mm]
1.96 [49.78]
.
Weight, lbs [g]
0.793 [359.7]
Connector
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6189
PE6189 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anod-
ized Aluminum Heatsink PE6189
Medium Power 50 Watts RF Load Up To 3 GHz With N Male
Input Round Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6189

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6189 PASTERNACK-PE6189 Datasheet
441Kb / 4P
50 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6189 PASTERNACK-PE6189_16 Datasheet
441Kb / 4P
50 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
More results

Similar Description - PE6189

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6230 PASTERNACK-PE6230 Datasheet
204Kb / 3P
High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
PE6233 PASTERNACK-PE6233 Datasheet
202Kb / 2P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Square Body Aluminum
PE6234 PASTERNACK-PE6234 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Round Body Black Anodized Aluminum Heatsink
PE6106 PASTERNACK-PE6106_16 Datasheet
436Kb / 4P
25 Watt RF Load Up to 18 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6188 PASTERNACK-PE6188_16 Datasheet
428Kb / 4P
50 Watt RF Load Up to 4 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6189 PASTERNACK-PE6189_16 Datasheet
441Kb / 4P
50 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6198 PASTERNACK-PE6198_16 Datasheet
443Kb / 4P
50 Watt RF Load Up to 18 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6228 PASTERNACK-PE6228_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com