Electronic Components Datasheet Search
  English  ▼

X  

PE6190 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6190
Description  Low Power 2 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Silver Plated Brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6190 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6190 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6190 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6190 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
7/16 DIN Male
Heat Sink
Brass, Silver
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Input Power, Watts
2
Peak Power, KWatts
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
2 [50.8]
Width/Dia., in [mm]
1.37 [34.8]
.
Weight, lbs [g]
0.27 [122.47]
Connector
Type
7/16 DIN Male
Inner Conductor Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Silver
Hex Size, Inch
7/16
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Silver
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6190
PE6190 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Power 2 Watts RF Load Up To 3 GHz With 7/16 DIN Male Input Silver Plated Brass
PE6190
Low Power 2 Watts RF Load Up To 3 GHz With
7/16 DIN Male Input Silver Plated Brass


Similar Part No. - PE6190

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6191 PASTERNACK-PE6191 Datasheet
429Kb / 4P
50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input
PE6191 PASTERNACK-PE6191_16 Datasheet
429Kb / 4P
50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input
PE6192 PASTERNACK-PE6192 Datasheet
192Kb / 2P
2.4mm Male Shorting Dust Cap
PE6192 PASTERNACK-PE6192 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
More results

Similar Description - PE6190

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6209 PASTERNACK-PE6209 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
PE6TR1013 PASTERNACK-PE6TR1013 Datasheet
324Kb / 3P
2 Watt RF Load Up To 3 GHz With 7-16 DIN Male Input Silver Plated Brass
PE6100 PASTERNACK-PE6100 Datasheet
209Kb / 3P
50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6239 PASTERNACK-PE6239 Datasheet
355Kb / 2P
High Power 100 Watts RF Load Up To 2.7 GHz With 7-16 DIN Female Input Paint Plated Aluminum
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6238 PASTERNACK-PE6238 Datasheet
365Kb / 3P
Medium Power 50 Watts RF Load Up To 2.7 GHz With 7/16 DIN Male and Female Input Paint Plated Aluminum
PE6100 PASTERNACK-PE6100_16 Datasheet
426Kb / 4P
5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
PE6139 PASTERNACK-PE6139_16 Datasheet
335Kb / 3P
5 Watt RF Load Up to 7 GHz with 7/16 DIN Female Tri-Metal Plated Brass
PE6191 PASTERNACK-PE6191_16 Datasheet
429Kb / 4P
50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com