Electronic Components Datasheet Search
  English  ▼

X  

PE6191 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6191
Description  50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6191 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6191 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6191 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6191 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7/16 DIN Male RF Load Up To 3 GHz
Configuration
Connector
7/16 DIN Male
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.15:1
Maximum Input Power, Watts
50
Peak Power, KWatts
10
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.33 [109.98]
Width/Dia., in [mm]
2.36 [59.94]
Height, in [mm]
2.36 [59.94]
.
Weight, lbs [g]
1.2 [544.31]
Connector
Type
7/16 DIN Male
Inner Conductor Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, Inch
7/16
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6191
PE6191 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7/16 DIN Male RF Load Up To 3 GHz
PE6191
50 Ohm 50 Watts Black Anodized Aluminum
Heatsink 7/16 DIN Male RF Load Up To 3 GHz


Similar Part No. - PE6191

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6191 PASTERNACK-PE6191 Datasheet
429Kb / 4P
50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input
PE6191 PASTERNACK-PE6191_16 Datasheet
429Kb / 4P
50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input
More results

Similar Description - PE6191

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6137 PASTERNACK-PE6137 Datasheet
255Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
PE6168 PASTERNACK-PE6168 Datasheet
252Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink N Male RF Load Up To 4 GHz
PE6100 PASTERNACK-PE6100 Datasheet
209Kb / 3P
50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6187 PASTERNACK-PE6187 Datasheet
232Kb / 3P
50 Ohm 5 Watts Aluminum N Male RF Load Up To 3 GHz
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6197 PASTERNACK-PE6197 Datasheet
200Kb / 3P
High Power 100 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Conduction Cooled Body Black Anodized Aluminum Heatsink
PE6231 PASTERNACK-PE6231 Datasheet
242Kb / 3P
50 Ohm 200 Watts High Power Black Anodized Aluminum Heatsink N Female RF Load Up To 3 GHz
PE6105 PASTERNACK-PE6105_16 Datasheet
427Kb / 4P
10 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Black Anodized Aluminum Heatsink
PE6191 PASTERNACK-PE6191_16 Datasheet
429Kb / 4P
50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com