Electronic Components Datasheet Search
  English  ▼

X  

PE6196 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6196
Description  50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6196 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6196 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6196 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6196 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 2 Watts Tri-Metal Plated Brass 7/16 DIN Male RF Load Up To 6 GHz
Configuration
Connector
7/16 DIN Male
Heat Sink
Brass, Tri-Metal
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.2:1
Maximum Input Power, Watts
2
Frequency 1
Frequency, GHz
DC to 4
VSWR
1.1:1
Mechanical Specifications
Temperature
Operating Range, deg C
-45 to +120
Size
Length, in [mm]
1.45 [36.83]
Width/Dia., in [mm]
1.45 [36.83]
.
Connector
Type
7/16 DIN Male
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
32
Body Material and Plating
Brass, Tri-Metal
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6196
PE6196 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 2 Watts Tri-Metal Plated Brass 7/16 DIN Male RF Load Up To 6 GHz PE6196
50 Ohm 2 Watts Tri-Metal Plated Brass 7/16
DIN Male RF Load Up To 6 GHz


Similar Part No. - PE6196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6196 PASTERNACK-PE6196 Datasheet
423Kb / 4P
2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
More results

Similar Description - PE6196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6100 PASTERNACK-PE6100 Datasheet
209Kb / 3P
50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6100 PASTERNACK-PE6100_16 Datasheet
426Kb / 4P
5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
PE6139 PASTERNACK-PE6139_16 Datasheet
335Kb / 3P
5 Watt RF Load Up to 7 GHz with 7/16 DIN Female Tri-Metal Plated Brass
PE6157 PASTERNACK-PE6157_13 Datasheet
209Kb / 2P
50 Ohm 2 Watts Brass TNC Male RF Load Up To 2 GHz
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com