Electronic Components Datasheet Search
  English  ▼

X  

PE6197 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6197
Description  High Power 100 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Conduction Cooled Body Black Anodized Aluminum Heatsink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6197 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6197 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6197 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6197 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
7/16 DIN Male
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.2:1
Maximum Input Power, Watts
100
Mechanical Specifications
Temperature
Operating Range, deg C
+125 to -45
Size
Length, in [mm]
6.29 [159.77]
Width/Dia., in [mm]
4.72 [119.89]
Height, in [mm]
3.54 [89.92]
.
Connector
Type
7/16 DIN Male
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
32
Body Material and Plating
Brass, Tri-Metal
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6197
PE6197 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power 100 Watts RF Load Up To 3 GHz With 7/16 DIN Male Input Conduction Cooled
Body Black Anodized Aluminum Heatsink PE6197
High Power 100 Watts RF Load Up To 3 GHz With 7/16 DIN Male
Input Conduction Cooled Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6197 PASTERNACK-PE6197 Datasheet
429Kb / 3P
High Power 100 Watt RF Load Up to 3 GHz
PE6197 PASTERNACK-PE6197_16 Datasheet
429Kb / 3P
High Power 100 Watt RF Load Up to 3 GHz
More results

Similar Description - PE6197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6137 PASTERNACK-PE6137 Datasheet
255Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
PE7041-3 PASTERNACK-PE7041-3 Datasheet
220Kb / 3P
3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6230 PASTERNACK-PE6230 Datasheet
204Kb / 3P
High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
PE6234 PASTERNACK-PE6234 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Round Body Black Anodized Aluminum Heatsink
PE6105 PASTERNACK-PE6105_16 Datasheet
427Kb / 4P
10 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Black Anodized Aluminum Heatsink
PE6107 PASTERNACK-PE6107_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Square Body Black Anodized Aluminum Heatsink
PE6189 PASTERNACK-PE6189_16 Datasheet
441Kb / 4P
50 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6228 PASTERNACK-PE6228_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com